Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17529 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17529 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC17529 Datasheet HTML 4Page - Motorola, Inc MPC17529 Datasheet HTML 5Page - Motorola, Inc MPC17529 Datasheet HTML 6Page - Motorola, Inc MPC17529 Datasheet HTML 7Page - Motorola, Inc MPC17529 Datasheet HTML 8Page - Motorola, Inc MPC17529 Datasheet HTML 9Page - Motorola, Inc MPC17529 Datasheet HTML 10Page - Motorola, Inc MPC17529 Datasheet HTML 11Page - Motorola, Inc MPC17529 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
17529
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
PACKAGE DIMENSIONS
.
1.50±0.05
2.35±0.05
5.25
5.35
7.15
7.25
0.25
0.35
0.17
0.23
(0.20)
(0.30)
7.40 MAX
7.70
8.10
VIEW Y
20
11
110
SURFACE ROUGHNESS
TOP 1 ~ 5 µ
BOTTOM 5.5 ~ 9.5 µ
4
3
4
3
5
0.05±0.05
0.10±0.05
(R0.2)
VIEW K
GUAGE
PLANE
SEATING PLANE
20X
4X
(R0.2)
20X
0.25
(7˚)
0.35
M
0.12
C A B
0.65
0.325
16X
RR
M
0.12
C A B
4
BASE METAL
BASE METAL
2.00±0.05
1.20±0.05
2.00 MAX
(0.60)
R
0˚- 8˚
(5˚)
1.75
1.85
0.08
0.20
0.65
0.85
0.05
0.15
0.25
A
C
B
0.05 C
NOTES:
1.
2.
3.
4.
5.
ALL DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
DIMENSIONS DO NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT
EXCEED 0.10 ANY SIDE. DIMENSIONS DO NOT
INCLUDE INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT
EXCEED 0.15 PER SIDE.
DIMENSIONS ARE DETERMINED AT THE OUTMOST
EXTREMES OF THE PLASTIC BODY EXCLUSIVE
OF MOLD FLASH, TIE BAR BURRS, GATE BURRS,
AND INTERLEAD FLASH, BUT INCLUDING ANY
MISMATCH BETWEEN THE TOP ND BOTTOM OF THE
PLASTIC BODY.
TERMINAL NUMBERS ARE SHOWN FOR REFERENCE
ONLY.
VIEW K
ROTATED 90˚ CLOCKWISE
VIEW Y
SECTION R-R
EV (Pb-FREE) SUFFIX
20-LEAD VMFP
PLASTIC PACKAGE
CASE 1569-01
ISSUE O
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17529

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17529EV FREESCALE-MPC17529EV Datasheet
431Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17529EVEL FREESCALE-MPC17529EVEL Datasheet
431Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
More results

Similar Description - MPC17529

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
   700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17529 FREESCALE-17529 Datasheet
431Kb / 12P
   0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
   700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
17533 FREESCALE-17533 Datasheet
372Kb / 12P
   0.7 A 6.8 V Dual H-Bridge Motor Driver
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
   1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Texas Instruments
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com