Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR100 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MCR100
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR100 Datasheet(HTML) 1 Page - ON Semiconductor

  MCR100 Datasheet HTML 1Page - ON Semiconductor MCR100 Datasheet HTML 2Page - ON Semiconductor MCR100 Datasheet HTML 3Page - ON Semiconductor MCR100 Datasheet HTML 4Page - ON Semiconductor MCR100 Datasheet HTML 5Page - ON Semiconductor MCR100 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 6
1
Publication Order Number:
MCR100/D
MCR100 Series
Preferred Device
Sensitive Gate
Silicon Controlled Rectifiers
Reverse Blocking Thyristors
PNPN devices designed for high volume, line-powered consumer
applications such as relay and lamp drivers, small motor controls, gate
drivers for larger thyristors, and sensing and detection circuits.
Supplied in an inexpensive plastic TO-226AA package which is
readily adaptable for use in automatic insertion equipment.
Features
Sensitive Gate Allows Triggering by Microcontrollers and Other
Logic Circuits
Blocking Voltage to 600 V
On−State Current Rating of 0.8 Amperes RMS at 80°C
High Surge Current Capability − 10 A
Minimum and Maximum Values of IGT, VGT and IH Specified
for Ease of Design
Immunity to dV/dt − 20 V/msec Minimum at 110°C
Glass-Passivated Surface for Reliability and Uniformity
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCRs
0.8 A RMS
100 thru 600 V
Preferred devices are recommended choices for future use
and best overall value.
TO−92 (TO−226)
CASE 029
STYLE 10
3
2
1
PIN ASSIGNMENT
1
2
3
Gate
Anode
Cathode
K
G
A
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
x
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
MARKING
DIAGRAM
MCR
100−x
AYWW


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MCK100-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  SemiWell Semiconductor
S4060 10 AMPERE SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1  2  3  4  List of Unclassifed Manufacturers
MCR100 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1  2  3  4  Unisonic Technologies
C106 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
MCK22-8 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  List of Unclassifed Manufacturers
MCR106 Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  ON Semiconductor
MCR72-3 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1  2  3  4  ON Semiconductor
MCR101 SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 1  2  3  4  Unisonic Technologies
2N5061RLR Sensitive Gate Silicon Controlled Rectifiers 1  2  3  4  5  More ON Semiconductor
MCR08B SENSITIVE GATE SILICON CONTROLLED RECTIFIERS 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn