Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9505 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9505
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9505 Datasheet HTML 1Page - Maxim Integrated Products MAX9505 Datasheet HTML 2Page - Maxim Integrated Products MAX9505 Datasheet HTML 3Page - Maxim Integrated Products MAX9505 Datasheet HTML 4Page - Maxim Integrated Products MAX9505 Datasheet HTML 5Page - Maxim Integrated Products MAX9505 Datasheet HTML 6Page - Maxim Integrated Products MAX9505 Datasheet HTML 7Page - Maxim Integrated Products MAX9505 Datasheet HTML 8Page - Maxim Integrated Products MAX9505 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VDD = CPVDD = MODE1 = 3.0V, MODE0 = SGND = GND = CPGND = 0V, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA = TMIN to
TMAX. RL = 150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV, gain = 6dB. Typical values are at VDD = CPVDD = MODE1 = 3.0V,
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Flatness
VDD = 2.7V, f = 100kHz to 5.5MHz
-1
0
+1
dB
f = 9.1MHz
3
Attenuation
VDD = 2.7V,
VIDOUT= 2VP-P, attenuation
is referred to 100kHz
f = 27MHz
35
50
dB
Power-Supply Rejection Ratio
PSRR
f = 100kHz
62
dB
Output Impedance
ZOUT
f = 5MHz
0.5
Differential Gain Error
DG
NTSC, VIDOUT = 2VP-P
0.1
%
Differential Phase Error
DP
NTSC, VIDOUT = 2VP-P
0.2
degrees
2T Pulse-to-Bar K Rating
2T = 250ns, bar time is 18µs, the beginning
2.5% and the ending 2.5% of the bar time
are ignored
-0.3
K%
2T Pulse Response
2T = 250ns
0.3
K%
2T Bar Response
2T = 250ns, bar time is 18µs, the beginning
2.5% and the ending 2.5% of the bar time
are ignored
0.7
K%
Nonlinearity
5-step staircase
0.2
%
Group Delay Distortion
DDt
100kHz to 5.5MHz
10
ns
VIDOUT Capacitive-Load Stability
CL
VOUT = 2VP-P, no sustained oscillations
20
pF
Peak Signal-to-RMS Noise
SNR
100kHz to 5.5MHz
64
dB
Enable Time
tON
VIDIN = 0.5V, VIDOUT settled to within 1%
of the final voltage
0.2
ms
Disable Time
tOFF
VIDIN = 0.5V, VIDOUT settled to below 1%
of the output voltage
0.1
ms
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Voltage gain (AV) is a two-point measurement in which the output voltage swing is divided by the input voltage swing.
Note 3: With an output load attached, this offset will directly contribute to quiescent current.
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 5: Guaranteed by design.


Similar Part No. - MAX9505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500EEE++ MAXIM-MAX9500EEE+ Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500EEE++ MAXIM-MAX9500EEE+ Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
MAX9500ESE++ MAXIM-MAX9500ESE+ Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
More results

Similar Description - MAX9505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
   DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9502 MAXIM-MAX9502 Datasheet
403Kb / 10P
   2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
   1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
   4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
   4-Channel Video Reconstruction Filter
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
logo
Harris Corporation
CA3256 HARRIS-CA3256 Datasheet
389Kb / 11P
   25MHz, BiMOS Analog Video Switch and Amplifier
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
   1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com