Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9505 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9505
Description  DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9505 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9505 Datasheet HTML 1Page - Maxim Integrated Products MAX9505 Datasheet HTML 2Page - Maxim Integrated Products MAX9505 Datasheet HTML 3Page - Maxim Integrated Products MAX9505 Datasheet HTML 4Page - Maxim Integrated Products MAX9505 Datasheet HTML 5Page - Maxim Integrated Products MAX9505 Datasheet HTML 6Page - Maxim Integrated Products MAX9505 Datasheet HTML 7Page - Maxim Integrated Products MAX9505 Datasheet HTML 8Page - Maxim Integrated Products MAX9505 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX9505 filters and amplifies standard-definition
video signals. Maxim’s DirectDrive™ technology elimi-
nates large output-coupling capacitors and sets the
video black level to ground. An internal reconstruction
filter smoothes the steps and reduces the spikes on the
video signal from the video digital-to-analog converter
(DAC). The input of the MAX9505 can be directly con-
nected to the output of a DAC. The MAX9505 provides
a compact, integrated, and low-power solution.
The reconstruction filter typically has 3dB attenuation at
9MHz and 50dB attenuation at 27MHz, and ±1dB pass-
band flatness to 5.5MHz.
Maxim’s DirectDrive uses an integrated charge pump
and a linear regulator to create a negative power supply
to drive the sync below ground. The charge pump injects
so little noise into the video output that the picture is visi-
bly flawless.
The MAX9505 features an internal 1.7
Ω analog switch
that interfaces with a 4-pole multimedia jack. This
switch allows one of the poles to be set as a video
input, a video output, or a microphone input.
The MAX9505 is offered in space-saving 16-pin QSOP
and 16-pin TQFN packages and is specified over the
-40°C to +85°C extended temperature range.
Applications
Mobile Phones/Smartphones
Space-Constrained, Low-Power Audio/Video
Portable Devices
Features
♦ DC-Coupled Output
♦ Direct Connection to Video DAC
♦ Video Output Black Level Set to Ground
♦ Video Reconstruction Filter with 50dB
Attenuation at 27MHz
♦ 6dB Gain
♦ 1.7Ω RON Analog Switch
♦ 10nA Shutdown Supply Current
♦ 2.7V to 3.6V Single-Supply Operation
DirectDrive Video Amplifier with
Reconstruction Filter and Analog Switch
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
0 TO 50mV
-0.1V TO
+0.1V
MAX9505
AMP
LINEAR
REGULATOR
CHARGE
PUMP
BUFFER
VIDOUT
VIDIN
6dB
SOUT
SIN
LOWPASS
FILTER
0V
0V
Block Diagram
19-3675; Rev 0; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART*
PIN-
PACKAGE
PKG CODE
TOP MARK
MAX9505EEE
16 QSOP
E16-4
MAX9505ETE
16 TQFN
T1633-4
ACW
Functional Diagram/Typical Operating Circuit and Pin
Configurations appear at end of data sheet.
*All devices are specified over the -40°C to +85°C operating
temperature range.


Similar Part No. - MAX9505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500EEE++ MAXIM-MAX9500EEE+ Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500EEE++ MAXIM-MAX9500EEE+ Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
MAX9500ESE++ MAXIM-MAX9500ESE+ Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
More results

Similar Description - MAX9505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
   DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9502 MAXIM-MAX9502 Datasheet
403Kb / 10P
   2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
   1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
   4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
   4-Channel Video Reconstruction Filter
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
logo
Harris Corporation
CA3256 HARRIS-CA3256 Datasheet
389Kb / 11P
   25MHz, BiMOS Analog Video Switch and Amplifier
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
   1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com