Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR30-SC-211 Datasheet(PDF) 11 Page - Hirose Electric

Part # HR30-SC-211
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-SC-211 Datasheet(HTML) 11 Page - Hirose Electric

Back Button HR30-SC-211 Datasheet HTML 7Page - Hirose Electric HR30-SC-211 Datasheet HTML 8Page - Hirose Electric HR30-SC-211 Datasheet HTML 9Page - Hirose Electric HR30-SC-211 Datasheet HTML 10Page - Hirose Electric HR30-SC-211 Datasheet HTML 11Page - Hirose Electric HR30-SC-211 Datasheet HTML 12Page - Hirose Electric HR30-SC-211 Datasheet HTML 13Page - Hirose Electric HR30-SC-211 Datasheet HTML 14Page - Hirose Electric HR30-SC-211 Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
HR30 Series
Miniature Waterproof Plastic Connectors
Contact Position Arrangement
Panel Cutout
Remarks : 1. The contact arrangement depicts a view from the wiring side.
2. Installation is accomplished by securing the receptacle from the back side of the panel using the supplied hexagon
nut. The tightening torque of the hexagon nut should be 0.5 N·m for 3, 6 contacts, and 0.8 N·m for 10, 12 contacts.
In addition, in order to prevent loosening, please apply Locktight 263 and Lockprimer 7649 manufactured by Henkel Japan Ltd., Tokyo.
1
2
3
1
2
34
5
6
6
1
2
3
4
5
12
4567
89 10
12
11
3
1
2
4
5
6
7
8
9
10
12 11
3
1
2
3
4
5
6
7
8
9
10
HR30-7P-10SC(**) HR30-7P-12SC(**) HR30-8P-12PC(**)
HR30-6P-6P(**)
HR30-6P-6S(**)
HR30-6P-3S(**)
Alignment mark
Alignment mark
A
+0.05
0
ØC
+0.05
0
Manual contact crimping tool HT-102/HR30-1
Automatic contact crimping machine CM-105C
Contact extraction tool HR30-TP
Receptacle, Board Mounting Through Hole Pattern
Remark : 1.The receptacle through hole configuration depicts a view from the mating side of the connector.
2.The above Δ mark indicates the guide key position.
3.The recommended board maximum thickness :1.2mm.
4.Tolerance of +0.03mm is recommended for the plated through hole location. Tolerance of +0.02mm is recommended
for the plated through hole diameter.
7R-12PD
8R-12SD
1.44
1.44
0.72
0.72
12-Ø0.65
2.16
2.16
12
11
10
8
74
31
6R-6SD
1
5
42
6
3
0.9
0.9
1.52
1.52
6-
Ø0.65
6R-6PD
0.9
0.9
1.8 1.8
6-
Ø0.65
1
2
3
4
5
6
0.9
0.9
1.44
1.44
0.72
0.72
12-Ø0.65
2.16
2.16
11
12
810
47
13
Applicable Tools
Type
Description
Part No.
HRS No.
Applicable contact
Applicable wire
Manual
Manual crimping tool
HT-102/HR30-1
150-0229-6
HR30-SC-111
AWG26 to 30
HR30-PC-111
Automatic
Automatic crimping machine
CM-105C
901-0001-0
––––––
––––––
Applicator
AP105-HR30-1
901-2015-9
HR30-SC-211
AWG26 to 30
HR30-PC-211
Extraction tool
HR30-TP
150-0219-2
HR30-SC-111
––––––
HR30-SC-211
HR30-PC-111
––––––
HR30-PC-211
AB
C
D
Panel
Thishness
3,6 pos.
1.25
6.45
8.05
3.95
0.7
to 2
10,12 pos. 1.35
9.25
11.05
5.45
0.7
to 3


Similar Part No. - HR30-SC-211

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6J-10P HIROSE-HR30-6J-10P Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6J-10P HIROSE-HR30-6J-10P Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
HR30-6J-10PC HIROSE-HR30-6J-10PC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6J-10PC HIROSE-HR30-6J-10PC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
HR30-6J-10PD HIROSE-HR30-6J-10PD Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-SC-211

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com