Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR30-7R-C Datasheet(PDF) 9 Page - Hirose Electric

Part # HR30-7R-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7R-C Datasheet(HTML) 9 Page - Hirose Electric

Back Button HR30-7R-C Datasheet HTML 5Page - Hirose Electric HR30-7R-C Datasheet HTML 6Page - Hirose Electric HR30-7R-C Datasheet HTML 7Page - Hirose Electric HR30-7R-C Datasheet HTML 8Page - Hirose Electric HR30-7R-C Datasheet HTML 9Page - Hirose Electric HR30-7R-C Datasheet HTML 10Page - Hirose Electric HR30-7R-C Datasheet HTML 11Page - Hirose Electric HR30-7R-C Datasheet HTML 12Page - Hirose Electric HR30-7R-C Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
HR30 Series
Miniature Waterproof Plastic Connectors
Note : Use wire size 26 to 30 AWG with a jacket diameter of 1 mm max.
Crimp Contacts
Diagrams of Connectors in Combination
11
1.2
A-A cross-section
A
A
11
1.2
A
A
A-A cross-section
Plugs
HR30-*P-**(71)
Caps for Plug
HR30-*P-C(71)
Receptacles
HR30-*R-**(71)
Jacks
HR30-*J-**(71)
Caps for Receptacle
HR30-*R-C(71)
Cap mounting diagram
Cable
Cap
Cap
Panel
Male contact
Female contact
Note 1 : Please use connectors with compatible shell size and number of contacts. If you are using a male contact plug, please also
use a corresponding product with a female receptacle and a jack.
Note 2 : Please install the applicable crimping contacts when using the crimping style connectors.
(Please refer to the manual for wiring work.)
Note 3 : When using the cap on the receptacle side, do not use the gasket that is normally supplied with the receptacle. The Hirose
cap has the necessary gasket as part of the cap unit.
Type
Part No.
HRS No.
Packaging
type
Weight
Loose contact HR30-PC-111 130-0022-3
100pcs/pack
0.03g/1 pin
Reel contact HR30-PC-211 130-0016-0 10,000pcs/reel
0.03g/1 pin
Type
Part No.
HRS No.
Packaging
type
Weight
Loose contact HR30-SC-111 130-0023-6
100pcs/pack
0.03g/1 pin
Reel contact HR30-SC-211 130-0017-3 10,000pcs/reel 0.03g/1 pin
(Representative example)
(Representative example)


Similar Part No. - HR30-7R-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HR30-7R-C ETC2-HR30-7R-C Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-7R-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com