Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 3 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 3 Page - Hirose Electric

  HR30-7P-C Datasheet HTML 1Page - Hirose Electric HR30-7P-C Datasheet HTML 2Page - Hirose Electric HR30-7P-C Datasheet HTML 3Page - Hirose Electric HR30-7P-C Datasheet HTML 4Page - Hirose Electric HR30-7P-C Datasheet HTML 5Page - Hirose Electric HR30-7P-C Datasheet HTML 6Page - Hirose Electric HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
HR30 Series
Miniature Waterproof Plastic Connectors
Plugs
Crimp Type
Solder Type
A(Fully tightened)
Applicable
cable diameter
A(Fully tightened)
Applicable
cable diameter
1
2
3
4
5
6
HR30-7P-12SC (71)
(Representative example)
(Representative example)
Shown with contacts installed.
HR30-6P-6S (31)
Part No.
HRS No.
A
B
Applicable cable diameter range Solder pot inner diameter
Weight
HR30-6P-3S(31)
130-0004-1 31
29.8
12.6
4.2 to 5
1.1 mm
4g
HR30-6P-6S(31)
130-0010-4 31
0.8 mm
HR30-6P-6P(31)
130-0009-5 31
30.3
HR30-6PA-3S(71)
130-0021-0 71
29.8
3.5 to 4.3
1.1 mm
HR30-6PA-6S(71)
130-0019-9 71
0.8 mm
HR30-6PA-6P(71)
130-0020-8 71
30.3
HR30-7P-12S(71)
130-0027-7 71
39.8
15.5
6.2 to 7
0.6 mm
6.7g
HR30-8P-12P(71)
130-0026-4 71
Part No.
HRS No.
A
Applicable cable diameter range
Crimp contact
Weight
HR30-7P-10SC(71)
130-0013-2 71
39.8
6.2 to 7
HR30-SC-211
6g
HR30-7P-12SC(71)
130-0014-5 71
HR30-8P-12PC(71)
130-0015-8 71
HR30-PC-211


Similar Part No. - HR30-7P-C

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HR30-7P-C ETC2-HR30-7P-C Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-7P-C

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
Hirose Electric
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
List of Unclassifed Manufacturers
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
Hirose Electric
Hirose Electric
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
Hirose Electric
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
DDK Ltd.
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz