Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 2 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 2 Page - Hirose Electric

  HR30-7P-C Datasheet HTML 1Page - Hirose Electric HR30-7P-C Datasheet HTML 2Page - Hirose Electric HR30-7P-C Datasheet HTML 3Page - Hirose Electric HR30-7P-C Datasheet HTML 4Page - Hirose Electric HR30-7P-C Datasheet HTML 5Page - Hirose Electric HR30-7P-C Datasheet HTML 6Page - Hirose Electric HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Product Specifications
Ratings
Current rating
5A (3 pos.)
2A (6,10,12 pos.)
Operation Temperature Range
-25ç to +85ç
Voltage rating
100V AC,140V DC(3,6 pos.)
30V AC,42V DC(10,12 pos.)
StorageTemperature Range
-10ç to +60ç
Characteristic
Specification
Conditions
1.Contact
resistance
5mø max. (3 pos.)
15mø max. (Solder type : 6, 10, and 12 pos.)
30mø max. (Through hole type: 6 and 12 pos.)
1A DC
2.Insulation
resistance
1000Mø min.
100V DC
3.Withstanding
voltage
No flashover or insulation breakdown
300V AC / 1minute
4.Vibration
No electrical discontinuity of 10µs or more
Frequency : 10 to 55 Hz, single amplitude of 0.75mm,
1 cycle= 5min, 10 cycles in each of the 3 directions.
5.Durability
(mating/un-mating)
Contact resistance 10mø min.(3 pos.)
Contact resistance 30mø min. (Solder type: 6, 10, and 12 pos.)
Contact resistance 100mø min. (Through hole type: 6 and 12 pos.)
1000 cycles
6.Temperature
cycle
Insulation resistance 100Mø min.
(-55ç : 30 minutes → Room temperature : 10 to 15
minutes → +85ç : 30 minutes → Room temperature :
10 to 15 minutes) for 5 cycles
7.Humidity
resistance
Insulation resistance
10Mø min. (when humidity high)
100Mø min. (when dry)
96 hours at temperature of 40ç and humidity of
90% to 95%
8.Waterproof
performance
No water penetration inside.
While mated with corresponding or protective cap
submerged at depth of 1m for half hour.
Material / Finish
Assembly
Component
Material
Finish
Remarks
Plug
Insulator
PPS
Black
UL94V-0
PBT
Black
UL94V-0
Polyacetal
Natural
----------
Gasket
Silicone rubber, chloroprene
rubber
Red/Black
----------
Contacts
Brass, phosphor bronze,
Copper compound metal
Gold plated
----------
Spring
Stainless steel
----------
----------
Receptacles
Insulator
PPS
Black
UL94V-0
Gasket
Chloroprene rubber
Black
----------
Contacts
Brass, phosphor bronze,
Copper compound metal
Gold plated
----------
Hexagonal nut
Zinc alloy
Chromate
----------
Washer
Phosphor bronze
Nickel plated
----------
Crimp contact
(male/female)
Contacts
Phosphor bronze
Selective gold plated
----------
2
HR30 Series
Miniature Waterproof Plastic Connectors
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
HR30 - 6 P A - 6 S C (* *)
qw e r
t y u
i
q Model name
: HR30
t Number of Contacts : 3, 6, 10 and 12
y Contact type S
: Female contact
P
: Male contact
u Contact wiring type
Blank : Solder
C
: Crimping
D
: Through hole
i Other specifications:
A two-digit character is added to indicate other
specifications as needed.
w Shell size
: Outside diameter/plug mating side
e Connector type : P : Plug
Connector type
: R : Receptacle
Connector type
: J : Jack
r Variation
Blank : Standard
A
: Fine wire
B
: Over mold type


Similar Part No. - HR30-7P-C

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HR30-7P-C ETC2-HR30-7P-C Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-7P-C

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
Hirose Electric
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
List of Unclassifed Manufacturers
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
Hirose Electric
Hirose Electric
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
Hirose Electric
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
DDK Ltd.
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz