Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 13 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 13 Page - Hirose Electric

Back Button HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric HR30-7P-C Datasheet HTML 10Page - Hirose Electric HR30-7P-C Datasheet HTML 11Page - Hirose Electric HR30-7P-C Datasheet HTML 12Page - Hirose Electric HR30-7P-C Datasheet HTML 13Page - Hirose Electric HR30-7P-C Datasheet HTML 14Page - Hirose Electric HR30-7P-C Datasheet HTML 15Page - Hirose Electric HR30-7P-C Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
HR30 Series
Miniature Waterproof Plastic Connectors
3
A
Push/pull
locking collar
Guide keys
Cable
Cable
Solder termination fixture
Tightening collar for back shell
(Refer to Table-2)
Cable
Back shell
Fixation
Plug insulator body
View A (2:1)
Front edge of cable jacket
Fig.B
Fig.C
Groove - sealing bushing
Insert the cable by fitting the coupling guide to the wire-connected P case block.
Then, pass the cable through and assemble in the following order: 1. spring, gasket, 2 cord clamp, and 3. cord tube.
Make sure when assembling it with the cord clamp and cord tube, to maintain the positional relations between the
cable sheath end face and the concave area of the gasket as shown in Fig.B.
Note : Please install the cord tube using the cord tube tightening tool with the cord ring tightening torque shown in
Table-2.
ln addition, in order to prevent loosening, please apply Locktight 263 and Lockprimer 7649 manufactured
by Henkel Japan Ltd., Tokyo.
When screwing in the cord tube, use your hand to hold the cable so that the cable will not rotate or twist
and apply stress to the soldered wires. However, as the cable tends to be twisted slightly (just over one
rotation), we recommend that you twist it in the opposite direction in advance.
Back shell tightening collar size
Torque
3 and 6 Contacts.
10 and 12 Contacts.
16mm
18mm
0.5N.m
0.5N.m
Connector
Table-2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn