Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 12 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 12 Page - Hirose Electric

Back Button HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric HR30-7P-C Datasheet HTML 10Page - Hirose Electric HR30-7P-C Datasheet HTML 11Page - Hirose Electric HR30-7P-C Datasheet HTML 12Page - Hirose Electric HR30-7P-C Datasheet HTML 13Page - Hirose Electric HR30-7P-C Datasheet HTML 14Page - Hirose Electric HR30-7P-C Datasheet HTML 15Page - Hirose Electric HR30-7P-C Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
HR30 Series
Miniature Waterproof Plastic Connectors
Assembly Procedures
Solder termination fixture
Insulator/contact assembly
Block end face
Plug Assembly Sequence
1
2
Insert the cable in the following order : 1. Back shell, 2. cord clamp, 3. gasket, 4, spring and 5. locking collar.
Prepare the cable end according to the dimensions shown in Table 1.
Note : When preparing the cable, use caution not to damage the insulation and conductors of the lead wires.
Solder type
Fix the P case block on the cable termination tool, and after preliminary soldering, solder for 3 to 4 seconds with
the soldering iron at 350±10ç.
Note 1 : Take care to avoid creating cold solder joints and solder joints with voids or air holes in it.
Also check to make sure the solder joint is adequately fused between the lead wires and solder cup.
Note 2 : The P case block is a precision unit. Please use caution when soldering the P case block so it does not
become damaged. Any damage could result in loss of the waterproof performance.
Crimp type
After crimping the appropriate contact to the cable lead wire, insert the terminated wire into the correct contact
position on the P case block.
Note : After inserting the crimping wire/contact, slightly pull the lead wire and check if the crimping contact is
properly seated into the P case block.
A
B
Solder type : 3 and 6 Contacts.
Solder type : 12 Contacts.
Crimp type : 10 and 12 Contacts.
2mm
2mm
2
-0
-0.5 mm
5.5mm max.
10mm max.
15
to 20mm
B
Seal bushing
Strain relief
Back shell
Insulator/contact assembly
Cable
Spring
Push/pull locking collar
A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn