Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 11 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 11 Page - Hirose Electric

Back Button HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric HR30-7P-C Datasheet HTML 10Page - Hirose Electric HR30-7P-C Datasheet HTML 11Page - Hirose Electric HR30-7P-C Datasheet HTML 12Page - Hirose Electric HR30-7P-C Datasheet HTML 13Page - Hirose Electric HR30-7P-C Datasheet HTML 14Page - Hirose Electric HR30-7P-C Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
HR30 Series
Miniature Waterproof Plastic Connectors
Contact Position Arrangement
Panel Cutout
Remarks : 1. The contact arrangement depicts a view from the wiring side.
2. Installation is accomplished by securing the receptacle from the back side of the panel using the supplied hexagon
nut. The tightening torque of the hexagon nut should be 0.5 N·m for 3, 6 contacts, and 0.8 N·m for 10, 12 contacts.
In addition, in order to prevent loosening, please apply Locktight 263 and Lockprimer 7649 manufactured by Henkel Japan Ltd., Tokyo.
1
2
3
1
2
34
5
6
6
1
2
3
4
5
12
4567
89 10
12
11
3
1
2
4
5
6
7
8
9
10
12 11
3
1
2
3
4
5
6
7
8
9
10
HR30-7P-10SC(**) HR30-7P-12SC(**) HR30-8P-12PC(**)
HR30-6P-6P(**)
HR30-6P-6S(**)
HR30-6P-3S(**)
Alignment mark
Alignment mark
A
+0.05
0
ØC
+0.05
0
Manual contact crimping tool HT-102/HR30-1
Automatic contact crimping machine CM-105C
Contact extraction tool HR30-TP
Receptacle, Board Mounting Through Hole Pattern
Remark : 1.The receptacle through hole configuration depicts a view from the mating side of the connector.
2.The above Δ mark indicates the guide key position.
3.The recommended board maximum thickness :1.2mm.
4.Tolerance of +0.03mm is recommended for the plated through hole location. Tolerance of +0.02mm is recommended
for the plated through hole diameter.
7R-12PD
8R-12SD
1.44
1.44
0.72
0.72
12-Ø0.65
2.16
2.16
12
11
10
8
74
31
6R-6SD
1
5
42
6
3
0.9
0.9
1.52
1.52
6-
Ø0.65
6R-6PD
0.9
0.9
1.8 1.8
6-
Ø0.65
1
2
3
4
5
6
0.9
0.9
1.44
1.44
0.72
0.72
12-Ø0.65
2.16
2.16
11
12
810
47
13
Applicable Tools
Type
Description
Part No.
HRS No.
Applicable contact
Applicable wire
Manual
Manual crimping tool
HT-102/HR30-1
150-0229-6
HR30-SC-111
AWG26 to 30
HR30-PC-111
Automatic
Automatic crimping machine
CM-105C
901-0001-0
––––––
––––––
Applicator
AP105-HR30-1
901-2015-9
HR30-SC-211
AWG26 to 30
HR30-PC-211
Extraction tool
HR30-TP
150-0219-2
HR30-SC-111
––––––
HR30-SC-211
HR30-PC-111
––––––
HR30-PC-211
AB
C
D
Panel
Thishness
3,6 pos.
1.25
6.45
8.05
3.95
0.7
to 2
10,12 pos. 1.35
9.25
11.05
5.45
0.7
to 3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn