Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 9 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 9 Page - Hirose Electric

Back Button HR30-7P-C Datasheet HTML 5Page - Hirose Electric HR30-7P-C Datasheet HTML 6Page - Hirose Electric HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric HR30-7P-C Datasheet HTML 10Page - Hirose Electric HR30-7P-C Datasheet HTML 11Page - Hirose Electric HR30-7P-C Datasheet HTML 12Page - Hirose Electric HR30-7P-C Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
HR30 Series
Miniature Waterproof Plastic Connectors
Note : Use wire size 26 to 30 AWG with a jacket diameter of 1 mm max.
Crimp Contacts
Diagrams of Connectors in Combination
11
1.2
A-A cross-section
A
A
11
1.2
A
A
A-A cross-section
Plugs
HR30-*P-**(71)
Caps for Plug
HR30-*P-C(71)
Receptacles
HR30-*R-**(71)
Jacks
HR30-*J-**(71)
Caps for Receptacle
HR30-*R-C(71)
Cap mounting diagram
Cable
Cap
Cap
Panel
Male contact
Female contact
Note 1 : Please use connectors with compatible shell size and number of contacts. If you are using a male contact plug, please also
use a corresponding product with a female receptacle and a jack.
Note 2 : Please install the applicable crimping contacts when using the crimping style connectors.
(Please refer to the manual for wiring work.)
Note 3 : When using the cap on the receptacle side, do not use the gasket that is normally supplied with the receptacle. The Hirose
cap has the necessary gasket as part of the cap unit.
Type
Part No.
HRS No.
Packaging
type
Weight
Loose contact HR30-PC-111 130-0022-3
100pcs/pack
0.03g/1 pin
Reel contact HR30-PC-211 130-0016-0 10,000pcs/reel
0.03g/1 pin
Type
Part No.
HRS No.
Packaging
type
Weight
Loose contact HR30-SC-111 130-0023-6
100pcs/pack
0.03g/1 pin
Reel contact HR30-SC-211 130-0017-3 10,000pcs/reel 0.03g/1 pin
(Representative example)
(Representative example)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn