Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 8 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 8 Page - Hirose Electric

Back Button HR30-7P-C Datasheet HTML 4Page - Hirose Electric HR30-7P-C Datasheet HTML 5Page - Hirose Electric HR30-7P-C Datasheet HTML 6Page - Hirose Electric HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric HR30-7P-C Datasheet HTML 10Page - Hirose Electric HR30-7P-C Datasheet HTML 11Page - Hirose Electric HR30-7P-C Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
HR30 Series
Miniature Waterproof Plastic Connectors
Part No.
HRS No.
A
B
C
D
E
Applicable cable diameter
Weight
HR30-6P-C(31)
130-3000-7 31
13
8.4
8.9
4
8.8
Ø4.2 to 5
1g
HR30-7P-C(31)
130-3004-8 31
16
10.4
10.5
6
11.4
Ø6.2 to 7
2g
HR30-8P-C(31)
130-3003-5 31
Part No.
HRS No.
A
B
C
D
E
Remarks
Weight
HR30-6R-C(31)
130-3001-0 31
12.6
11.8
7.5
12.1
9.1
1g
HR30-7R-C(31)
130-3002-2 31
15.5
14.8
8.5
15
12.1
This cap fits each size of
the HR30-7R and HR30-8R
receptacles
Note : When using these caps, do not use the gasket that is normally supplied with the receptacle.
The “B” diameter end of the receptacle cap will serve as the gasket.
Caps
For Receptacle
For Plugs
ØE
ØD
ØD
ØE
HR30-6R-C (31)
HR30-6P-C (31)
(Representative example)
(Representative example)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn