Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 7 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 7 Page - Hirose Electric

Back Button HR30-7P-C Datasheet HTML 3Page - Hirose Electric HR30-7P-C Datasheet HTML 4Page - Hirose Electric HR30-7P-C Datasheet HTML 5Page - Hirose Electric HR30-7P-C Datasheet HTML 6Page - Hirose Electric HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric HR30-7P-C Datasheet HTML 10Page - Hirose Electric HR30-7P-C Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
HR30 Series
Miniature Waterproof Plastic Connectors
Part No.
HRS No.
A
B
C
Solder pot inner diameter Weight
HR30-6JB-3P
130-2029-0
12.7
21.7
5.2
1.1mm
2.3g
HR30-6JB-6P
130-2021-1
12
0.8mm
2.2g
HR30-6JB-6S
130-2028-0
12.7
2.3g
HR30-7JB-12P
130-2023-7
15
23.7
6.4
0.6mm
3.6g
HR30-8JB-12S
130-2024-0
4.1g
Part No.
HRS No.
Crimp contact
Weight
HR30-7JB-10PC
130-2025-2
HR30-PC-211
3.1g
HR30-7JB-12PC
130-2022-4
HR30-8JB-12SC
130-2026-5
HR30-SC-211
Jack for overmolds
Crimp Type
Solder Type
23.7
B
HR30-6JB-6P
HR30-8JB-12SC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn