Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 6 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 6 Page - Hirose Electric

Back Button HR30-7P-C Datasheet HTML 2Page - Hirose Electric HR30-7P-C Datasheet HTML 3Page - Hirose Electric HR30-7P-C Datasheet HTML 4Page - Hirose Electric HR30-7P-C Datasheet HTML 5Page - Hirose Electric HR30-7P-C Datasheet HTML 6Page - Hirose Electric HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric HR30-7P-C Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
HR30 Series
Miniature Waterproof Plastic Connectors
Jacks
Crimp Type
Solder Type
37.3
(Fully tightened)
Applicable
cable diameter
B(Fully tightened)
1
2
3
4
5
6
Applicable
cable diameter
HR30-7J-12PC (71)
HR30-6J-6P (31)
Shown with contacts installed.
Part No.
HRS No.
A
B
Applicable cable diameter range Solder pot inner diameter Weight
HR30-6J-6P(31)
130-2009-6 31
12
28.8
4.2 to 5
0.8 mm
3g
HR30-6JA-6P(71)
130-2018-7 71
3.5 to 4.3
HR30-7J-12P(71)
130-2020-9 71
15
37.3
6.2 to 7
0.6 mm
5.7g
HR30-8J-12S(71)
130-2019-0 71
5.9g
Part No.
HRS No.
Applicable cable diameter range
Crimp contact
Weight
HR30-7J-10PC(71)
130-2015-9 71
6.2 to 7
HR30-PC-211
5g
HR30-7J-12PC(71)
130-2017-4 71
HR30-8J-12SC(71)
130-2016-1 71
HR30-SC-211
(Representative example)
(Representative example)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn