Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-7P-C Datasheet(PDF) 4 Page - Hirose Electric

Part No. HR30-7P-C
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-7P-C Datasheet(HTML) 4 Page - Hirose Electric

  HR30-7P-C Datasheet HTML 1Page - Hirose Electric HR30-7P-C Datasheet HTML 2Page - Hirose Electric HR30-7P-C Datasheet HTML 3Page - Hirose Electric HR30-7P-C Datasheet HTML 4Page - Hirose Electric HR30-7P-C Datasheet HTML 5Page - Hirose Electric HR30-7P-C Datasheet HTML 6Page - Hirose Electric HR30-7P-C Datasheet HTML 7Page - Hirose Electric HR30-7P-C Datasheet HTML 8Page - Hirose Electric HR30-7P-C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
HR30 Series
Miniature Waterproof Plastic Connectors
Plug for overmolds
Crimp Type
Solder Type
25.9
A
Part No.
HRS No.
A
B
C
Solder pot inner diameter
Weight
HR30-6PB-3S
130-0034-2
22.7
12.6
5.2
1.1 mm
3.1g
HR30-6PB-6S
130-0032-7
0.8 mm
2.9g
HR30-6PB-6P
130-0037-0
23.2
HR30-7PB-12S
130-0035-5
25.9
15.5
6.4
0.6 mm
4.7g
HR30-8PB-12P
130-0030-1
4.5g
Part No.
HRS No.
Crimp contact
Weight
HR30-7PB-10SC
130-0036-8
HR30-SC-211
4.1g
HR30-7PB-12SC
130-0033-0
HR30-8PB-12PC
130-0031-4
HR30-PC-211
4.3g
HR30-8PB-12PC
HR30-6PB-6S


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn