Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR30-6R-3P Datasheet(PDF) 1 Page - Hirose Electric

Part # HR30-6R-3P
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6R-3P Datasheet(HTML) 1 Page - Hirose Electric

  HR30-6R-3P Datasheet HTML 1Page - Hirose Electric HR30-6R-3P Datasheet HTML 2Page - Hirose Electric HR30-6R-3P Datasheet HTML 3Page - Hirose Electric HR30-6R-3P Datasheet HTML 4Page - Hirose Electric HR30-6R-3P Datasheet HTML 5Page - Hirose Electric HR30-6R-3P Datasheet HTML 6Page - Hirose Electric HR30-6R-3P Datasheet HTML 7Page - Hirose Electric HR30-6R-3P Datasheet HTML 8Page - Hirose Electric HR30-6R-3P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Fig.3
1
Miniature Waterproof Plastic Connectors
HR30 Series
Features
1. Small-size with low profile
3, 6 contacts : Maximum outer diameter Ø12.6mm
Mated length 32.3mm (from the
panel surface)
10, 12 contacts : Maximum outer diameter Ø15.5mm
Mated length 42.1mm (from the
panel surface)
These small, compact connectors offer unique
features available only from Hirose.
2. Waterproof construction
IP67 and 68 waterproof construction in the mated state
IP67 : Left submerged in water at a depth of 1m for 30 minutes
IP68 : Left submerged in water at a depth of 2m for 14 days
3. Push/pull lock
Waterproof connectors feature an easy to operate
push/pull locks developed with our exclusive
technology.
4. Light weight
3 and 6 contacts: 6g (plug + receptacle)
10 and 12 contacts: 9g (plug + receptacle)
5. Clamp structure
Our proprietary clamping method allows clamping
the cable by simply tightening the cord ring.
6. Easy mating operation
The plug can be securely locked while holding it in
your hand while mating. (Fig.2)
7. Mis-insertion prevention
Mating portions are polarized to avoid improper
mating and connector damage.
8. Mating mark
Both the plug and the receptacle feature a white
index mark on them which is used to quickly align
the two interfaces for proper mating.(Fig.3)
9. Complies with the RoHS requirements
In consideration of environmental issues, we use
only materials that comply with the RoHS Directive.
Push-pull- single action lock
42.1
32.3
3 and 6 pos.
10 and 12 pos.
Mated dimensions
Lock/release operation
Alignment marks
Polarized interface
Push-pull locking collar
Fig.1
Fig.2
2018.6
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - HR30-6R-3P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6R-3P HIROSE-HR30-6R-3P Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6R-3P HIROSE-HR30-6R-3P Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-6R-3P ETC2-HR30-6R-3P Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
HR30-6R-3P-T01 ETC2-HR30-6R-3P-T01 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6R-3PC HIROSE-HR30-6R-3PC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6R-3P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com