Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HR30-6PA-6P Datasheet(PDF) 5 Page - Hirose Electric

Part No. HR30-6PA-6P
Description  Miniature Waterproof Plastic Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6PA-6P Datasheet(HTML) 5 Page - Hirose Electric

  HR30-6PA-6P Datasheet HTML 1Page - Hirose Electric HR30-6PA-6P Datasheet HTML 2Page - Hirose Electric HR30-6PA-6P Datasheet HTML 3Page - Hirose Electric HR30-6PA-6P Datasheet HTML 4Page - Hirose Electric HR30-6PA-6P Datasheet HTML 5Page - Hirose Electric HR30-6PA-6P Datasheet HTML 6Page - Hirose Electric HR30-6PA-6P Datasheet HTML 7Page - Hirose Electric HR30-6PA-6P Datasheet HTML 8Page - Hirose Electric HR30-6PA-6P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
HR30 Series
Miniature Waterproof Plastic Connectors
Receptacles
Solder Type
Gasket
B
A
E(Thread)
F(Hex nut)
1
2
3
4
5
6
HR30-6R-6P (71)
Through hole Type
HR30-8R-12SD (31)
A
B
2
Through hole post
(0.2∞0.5)
E
F(Hex nut)
Gasket
Crimp Type
15.5
9.3
Gasket
M11X1(Thread)
13(Hex nut)
HR30-7R-12PC (31)
Shown with contacts installed.
Shown with contacts installed.
Part No.
HRS No.
A
B
C
D
E
F
Solder pot inner diameter Weight
HR30-6R-3P(71)
130-1003-4 71
16
8.3
12
8.9
M8∞0.75
10
1.1mm
2g
HR30-6R-6P(71)
130-1009-0 71
0.8mm
HR30-6R-6S(71)
130-1008-8 71
18.4
HR30-7R-12P(31)
130-1016-6 31
18.6
9.3
15
11.5
M11∞1
13
0.6mm
3.4g
HR30-8R-12S(31)
130-1018-1 31
Part No.
HRS No.
Crimp contact
Weight
HR30-7R-10PC(31)
130-1012-5 31
HR30-PC-211
3g
HR30-7R-12PC(31)
130-1013-8 31
HR30-8R-12SC(31)
130-1014-0 31
HR30-SC-211
Part No.
HRS No.
A
B
C
D
E
F
Weight
HR30-6R-6PD(71)
130-1020-3 71
14.9
8.3
12
8.9
M8∞0.75
10
2g
HR30-6R-6SD(71)
130-1021-6 71
15.2
HR30-7R-12PD(31)
130-1017-9 31
16
9.3
15
11.5
M11∞1
13
3.4g
HR30-8R-12SD(31)
130-1019-4 31
(Representative example)
(Representative example)
(Representative example)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn