Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6978 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6978
Description  8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6978 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6978 Datasheet HTML 4Page - Maxim Integrated Products MAX6978 Datasheet HTML 5Page - Maxim Integrated Products MAX6978 Datasheet HTML 6Page - Maxim Integrated Products MAX6978 Datasheet HTML 7Page - Maxim Integrated Products MAX6978 Datasheet HTML 8Page - Maxim Integrated Products MAX6978 Datasheet HTML 9Page - Maxim Integrated Products MAX6978 Datasheet HTML 10Page - Maxim Integrated Products MAX6978 Datasheet HTML 11Page - Maxim Integrated Products MAX6978 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
OE is independent of the operation of the serial inter-
face. Data can be shifted into the serial-interface shift
register and latched regardless of the state of OE.
DOUT is the serial-data output, which shifts data out
from the MAX6978’s 8-bit shift register on the rising edge
of CLK. Data at DIN is propagated through the shift reg-
ister and appears at DOUT eight clock cycles later.
Watchdog
The MAX6978 includes a watchdog circuit that monitors
the CLK, DIN, and LE inputs. If there is no transition on
any one of these inputs for nominally 1s, then the output
latches are cleared and outputs OUT0–OUT7 go high
impedance like the initial power-up condition. This turns
off all LEDs connected to the outputs. The shift-register
data does not change, just the output-latch data.
The watchdog is intended to be used as a fail-safe fea-
ture for applications, which prefer a blank display to an
incorrect display if the serial interface fails. When the
watchdog triggers, the outputs remain off until the dri-
ver output latches are updated with data turning them
on. Recovery is therefore automatic if the transmission
failure is temporary, because the MAX6978 does not
lock up in the watchdog timeout state. The MAX6978
operates correctly when the serial interface is next acti-
vated, and the watchdog circuit is reset and starts
monitoring the serial interface again. The watchdog
function requires no software change to the application
driving the MAX6978.
LED Fault Detection
The MAX6978 includes circuitry that detects open-cir-
cuit LEDs automatically. An open-circuit fault occurs
when an output is programmed to sink current but less
than about 50% of the programmed current flows.
Open circuits are checked just after the rising edge of
LE, when new LED data is loaded into the output latch-
es from the shift register(s). If one or more output port is
detected with an open-circuit fault, then the 2 bits, D6
and D5, in the serial-interface shift register are both set
high. If no open-circuit faults are detected, then D6 and
D5 are both cleared low. The data in other 6-bit posi-
tions in the serial-interface shift register is not altered.
Fault status is automatically shifted out on DOUT when
the next data transmission is shifted in. LE is normally
taken high after all 8 bits of new LED data have been
clocked into the shift register, and so at that time,
DOUT is outputting data bit D7. On the next two rising
edges of CLK, the 2 fault status bits, D6 and D5, are
clocked out in that order, followed by the remaining 5
unchanged data bits D4 to D0.
A typical fault-detecting application tests all the shifted
out data. Bits D0–D4 and D7 are checked against the
originally transmitted data to check data link integrity.
Bits D5 and D6 are checked first to see that they con-
8-Port, 5.5V Constant-Current LED Driver with
LED Fault Detection and Watchdog
8
_______________________________________________________________________________________
.
D7
D6
tDS
tDH
tCL
tCP
tDO
tOEW
tOEL
tf
tr
tOEH
tLS
tLW
tCH
D1
D0
D7
LE
CLK
DIN
DOUT
OE
OUT_
80%
20%
tLF
Figure 2. 4-Wire Serial-Interface Timing Diagram


Similar Part No. - MAX6978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6978 MAXIM-MAX6978 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results

Similar Description - MAX6978

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
List of Unclassifed Man...
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com