Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61250BFP Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # M61250BFP
Description  NTSC 1 chip TV signal processor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61250BFP Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button M61250BFP Datasheet HTML 34Page - Renesas Technology Corp M61250BFP Datasheet HTML 35Page - Renesas Technology Corp M61250BFP Datasheet HTML 36Page - Renesas Technology Corp M61250BFP Datasheet HTML 37Page - Renesas Technology Corp M61250BFP Datasheet HTML 38Page - Renesas Technology Corp M61250BFP Datasheet HTML 39Page - Renesas Technology Corp M61250BFP Datasheet HTML 40Page - Renesas Technology Corp M61250BFP Datasheet HTML 41Page - Renesas Technology Corp M61250BFP Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
M61250BFP
Rev.1.0, Sep.23.2003, page 38 of 49
Chroma block
• CnorR: Chroma typical output (R-Y)
• CnorB: Chroma typical output (B-Y)
1. Input SG.C to pin 38.
2. When "test mode" I
2C data is 18H D6=1, 18H D7=1 and 19H D6=1 and when "test mode" I2C data is 18H
D6=0, 18H D7=1 and 19H D6=1, take the pin 59 output amplitude to be the chroma typical output (R-Y)
and chroma typical output (B-Y), respectively.
• ACC1: ACC characteristic 1
1. Input SG.E (eb=570 mV: level + 6 dB) to pin 38.
2. Measure the pin 59 output amplitude.
3. ACC1 is defined as follows.
ACC1 = 20 log
measured value
(mVp-p)
chroma typical output 1 (mVp-p)
(dB)
• ACC2: ACC characteristic 2
1. Input SG.E (input level: -18 dB) to pin 38.
2. Measure the pin 59 output amplitude.
3. ACC2 is defined as follows.
ACC2 = 20 log
measured value
(mVp-p)
chroma typical output 1 (mVp-p)
(dB)
• OV: Chroma overload characteristic
1. Input SG.E (eb=800 mVp-p) to pin 38.
2. Measure the pin 59 output amplitude.
3. OV is defined as follows.
OV = 20 log
measured value
(mVp-p)
chroma typical output 1 (mVp-p)
(dB)
• VikN: Killer operation input level
1. Input SG.E (variable level) at input level 0 dB to pin 38.
2. While monitoring the pin 59 output amplitude, lower the input level, and measure the input level when the output
amplitude vanishes.
• KillP: Hue remaining with killer
1. Input SG.E (level: -40 dB) to pin 38.
2. Measure the pin 59 output amplitude.
• APCU: APC pull-in range (upper)
• APCL: APC pull-in range (lower)
1. Input SG.E (feb-fec-3.579545 MHz) to pin 38.
2. After raising the frequency until the output from pin 59 vanishes, lower the frequency, and take the point at which
an output appears to be fu.
3. After lowering the frequency until the output from pin 59 vanishes, raise the frequency, and take the
point at which an output appears to be fl.
4. APCU and APCL are defined as follows.
APCU = fu – 3579545 Hz
APCL = fl – 3579545 Hz


Similar Part No. - M61250BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61251AFP RENESAS-M61251AFP Datasheet
298Kb / 16P
   Single-chip NTSC TV signal processor
More results

Similar Description - M61250BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61251AFP RENESAS-M61251AFP Datasheet
298Kb / 16P
   Single-chip NTSC TV signal processor
logo
Mitsubishi Electric Sem...
M61203CFP MITSUBISHI-M61203CFP Datasheet
786Kb / 51P
   NTSC TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M61283FP RENESAS-M61283FP Datasheet
965Kb / 55P
   NTSC TV Signal Processor
logo
Mitsubishi Electric Sem...
M61206FP MITSUBISHI-M61206FP Datasheet
1Mb / 51P
   NTSC TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M61283FP RENESAS-M61283FP_15 Datasheet
992Kb / 57P
   NTSC TV Signal Processor
M61206FP RENESAS-M61206FP Datasheet
16Mb / 52P
   NTSC TV SIGNAL PROCESSOR
logo
Mitsubishi Electric Sem...
M52771ASP MITSUBISHI-M52771ASP Datasheet
84Kb / 4P
   NTSC / PAL TV SIGNAL PROCESSOR
M52770SP MITSUBISHI-M52770SP Datasheet
77Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
M52770ASP MITSUBISHI-M52770ASP Datasheet
178Kb / 4P
   NTSC/PAL TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52770ASP RENESAS-M52770ASP Datasheet
243Kb / 8P
   NTSC/PAL TV Signal Processor
Mar 31, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com