Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT17 Datasheet(PDF) 23 Page - Hirose Electric

Part # GT17
Description  All surface shielded construction.
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT17 Datasheet(HTML) 23 Page - Hirose Electric

Back Button GT17 Datasheet HTML 19Page - Hirose Electric GT17 Datasheet HTML 20Page - Hirose Electric GT17 Datasheet HTML 21Page - Hirose Electric GT17 Datasheet HTML 22Page - Hirose Electric GT17 Datasheet HTML 23Page - Hirose Electric GT17 Datasheet HTML 24Page - Hirose Electric GT17 Datasheet HTML 25Page - Hirose Electric GT17 Datasheet HTML 26Page - Hirose Electric GT17 Datasheet HTML 27Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
142
GT17 Series ● For Network, High speed communication
BMating Table
Cable side connector
GT17H-4S-ASSY
GT17H-4S-ASSY(Key typeA)
GT17H-4S-ASSY(Key typeB)
GT17H-4S-ASSY(Key typeC)
SMT Type
DIP Type
Angle Type
Straight Type
Board connector
GT17H-4P-2H/GT17HR-4P-2H
GT17H-4P-2H(A)
GT17H-4P-2H(B)
GT17H-4P-2H(C)
GT17H-4P-2DS
GT17H-4P-2DS(A)
GT17H-4P-2DS(B)
GT17H-4P-2DS(C)
GT17H-4P-2DSA
GT17H-4P-2DSA(A)
GT17H-4P-2DSA(B)
GT17H-4P-2DSA(C)
Color
Light Gray
Brown
Green
Blue
Part No.
GT8-2428SCF(70)
HRS No.
758-0001-8 70
Material / Plating or Color
Conductor Size(AWG)
24 to 28 AWG
Packaging
10,000 pcs/reel
Outer Diameter
Ø0.8 to 1.5
Phosphor Bronze / Tin plating
YES
RoHS
● Insulator
● Center terminal
Green
Key B
Standard
Light Gray
Brown
Key A
Blue
Key C
Key Variation
0.5
1.5
0.5
1.5
1.5
0.5
1.5
0.5
1
1
1
1
30.95
7.9
● Housing
Part No.
HRS No.
Material / Plating or Color
Packaging
Remarks
RoHS
GT17HS- 4S-HU
767-0133-0
PBT / Dark Gray
1
───
YES
GT17HSK- 4S-HU
767-0244-0
With lock guard
● Outer terminal
Part No.
HRS No.
Material / Plating or Color
Outer Diameter
Packaging
RoHS
GT17HS- 4S-5CF
767-0135-5
Copper alloy / Tin plating
Ø4.8 to 5.2
1
YES
Part No.
HRS No.
Material / Plating or Color
Packaging
RoHS
GT17H-4S-2C
767-0084-6
PBT / Light Gray
1
YES
GT17H-4S-2C(A)
767-0167-1
PBT / Brown
GT17H-4S-2C(B)
767-0168-4
PBT / Green
GT17H-4S-2C(C)
767-0169-7
PBT / Blue
4 Pos. Straight Connectors (1 Row type)
BThe product comprises 4 parts.
(Housing, insulator, outer terminal, center terminal)


Similar Part No. - GT17

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT17-2022SCF HIROSE-GT17-2022SCF Datasheet
1Mb / 10P
   Antenna, Sensor, and Communications Trunk Line Connections
GT17-2428SCF HIROSE-GT17-2428SCF Datasheet
1Mb / 10P
   Antenna, Sensor, and Communications Trunk Line Connections
GT17-30SCF HIROSE-GT17-30SCF Datasheet
1Mb / 10P
   Antenna, Sensor, and Communications Trunk Line Connections
GT17-8DP-DS HIROSE-GT17-8DP-DS Datasheet
1Mb / 10P
   Antenna, Sensor, and Communications Trunk Line Connections
GT17-8DS-2C HIROSE-GT17-8DS-2C Datasheet
1Mb / 10P
   Antenna, Sensor, and Communications Trunk Line Connections
More results

Similar Description - GT17

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU8045A-3R5Y BOURNS-SRU8045A-3R5Y Datasheet
263Kb / 3P
   Shielded construction
SRP5030TA-R10Y BOURNS-SRP5030TA-R10Y Datasheet
415Kb / 3P
   Shielded construction
logo
Vishay Siliconix
IHLP-6767GZ-51 VISHAY-IHLP-6767GZ-51 Datasheet
278Kb / 6P
   Shielded construction
Revision: 02-Mar-17
logo
XFMRS Inc.
XFTPRH105 XFMRS-XFTPRH105 Datasheet
519Kb / 3P
   Shielded construction
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
   All-welded construction
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
   All-welded construction
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
   All-welded construction
20SERIES OHMITE-20SERIES Datasheet
328Kb / 2P
   All-welded construction.
40SERIES OHMITE-40SERIES Datasheet
378Kb / 2P
   All-welded construction
logo
Willow Technologies Ltd
134 WILLOW-134 Datasheet
142Kb / 6P
   All welded construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com