Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.85MM Datasheet(PDF) 3 Page - Hirose Electric

Part No. 1.85MM
Description  1.85mm coaxial connectors based on IEC Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

1.85MM Datasheet(HTML) 3 Page - Hirose Electric

  1.85MM Datasheet HTML 1Page - Hirose Electric 1.85MM Datasheet HTML 2Page - Hirose Electric 1.85MM Datasheet HTML 3Page - Hirose Electric 1.85MM Datasheet HTML 4Page - Hirose Electric 1.85MM Datasheet HTML 5Page - Hirose Electric 1.85MM Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
1.85mm Series1.85mm coaxial connectors based on IEC Specifications
Nonreflective terminator
Product Specifications
Ratings
Nominal characteristic impedance
50
Operating Temperature
Range
-10°C to +65°C
Rated frequency
DC to 67GHz
Operating relative
humidity
95% RH or less
Power
0.5W CW (+65°C)
Materials / Finish
Part
Materials
Finish
Shell
Stainless steel
Passivate
Insulator
PTFE
----
Male contact
Brass
Gold plated
Coupling
Stainless steel
Passivate
Resistive element
Metal film
----
HV - TM P (40)
❶❷
Series identifier
HV
TM
Non-reflective terminator
Connector type
P : Plug type
8HEX
M7x0.75-6H
18.3
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
FREQUENCY(GHz)
0
10
20
30
40
50
60
65
Frequency characteristics (TYPICAL)
Part No.
HRS No.
Voltage standing wave ratio (V.S.W.R.)(max)
RoHS
DC
∼50GHz
50
∼67GHz
HV-TMP(40)
353-0146-6 40
1.3
1.4
Product Number Structure


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn