Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.85MM Datasheet(PDF) 2 Page - Hirose Electric

Part No. 1.85MM
Description  1.85mm coaxial connectors based on IEC Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

1.85MM Datasheet(HTML) 2 Page - Hirose Electric

  1.85MM Datasheet HTML 1Page - Hirose Electric 1.85MM Datasheet HTML 2Page - Hirose Electric 1.85MM Datasheet HTML 3Page - Hirose Electric 1.85MM Datasheet HTML 4Page - Hirose Electric 1.85MM Datasheet HTML 5Page - Hirose Electric 1.85MM Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
1.85mm Series1.85mm coaxial connectors based on IEC Specifications
Plug
HV-P-SF085
8HEX
11.1
[Please place cable assembly orders per the specifications below]
Cable assembly specifications
Please specify the dimensions of 1.85mm Series cable assembly as follows : For the cable length, Please contact HRS
representative.
L(mm)
L(mm)
[Double ended assembly]
[Single ended assembly]
Materials / Finish
Part
Materials
Finish
Shell
Stainless steel
Passivated
Insulator
PPO / PTFE resin
---------------
Contact
Beryllium copper
Gold plated
Ring
Stainless steel
Gold plated
●Composition of the cable harness specification product number structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
HV -
「」P- SF085N 1 -A - L RS
qw
e
r
qSeries identifier : HV
wHarness type
None : On either end 2 : On both ends
eCable type
SF085N : 0.085-inch, semi-flexible cable
rCable color
 None : No jacket
 1 : Blue
Overall length L (mm) : Length L is expressed by the unit of mm.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn