Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.85MM Datasheet(PDF) 1 Page - Hirose Electric

Part No. 1.85MM
Description  1.85mm coaxial connectors based on IEC Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

1.85MM Datasheet(HTML) 1 Page - Hirose Electric

  1.85MM Datasheet HTML 1Page - Hirose Electric 1.85MM Datasheet HTML 2Page - Hirose Electric 1.85MM Datasheet HTML 3Page - Hirose Electric 1.85MM Datasheet HTML 4Page - Hirose Electric 1.85MM Datasheet HTML 5Page - Hirose Electric 1.85MM Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1.85mm coaxial connectors based on IEC Specifications
1.85mm Series
Features
1. 1.85mm coaxial connector based
on IEC Specifications
(IEC 61169-32)
2. Compatible with the frequency
range of up to 67GHz
3. RoHS-compatible
Compliant with all RoHS Directives.
Applications
Optical transmission devices,
Measuring for data transmission,
Radio communication equipment,
Measuring instruments etc.
D.U.T. details
Network Analyzer
D.U.T
Termination
Test Port Cable
HV-P-SF085 with double ended harness
HV-P-SF085 measurement system
2017.4
Compatible with 67GHz configurations
Product Specifications
Ratings
Nominal characteristic
impedance
50ø
Operating Temperature
Range
-55ç to +105ç (95% RH or less)
Rated frequency
DC to 65GHz
Storage Temperature
Range
-55ç to +50ç (95% RH or less)
Items
Specifications
Conditions
1. Contact resistance
Center : Less than 4mø
External : Less than 4mø
Measured at less than 100mA
2. Insulation resistance
500Mø min.
Measured at 250V DC
3. Withstanding voltage
No flashover or breakdown
300V AC for one minute
4. Voltage standing
wave ratio
V.S.W.R. : Less than 1.5
DC to 65GHz
5. Mating Cycles
Contact resistance at center : Less than 6mø
External : Less than 6mø
No broken, cracked, or loose parts
500 cycles
6. Vibration resistance
No electrical discontinuity for more than
1µs.
No broken, cracked, or loose parts
Frequency : 10 to 2000Hz, half amplitude : 0.75mm,
Acceleration : 196m/s2, 12 cycles in each of 3 axis
directions
7. Shock resistance
No electrical discontinuity for more than
1µs.
No broken, cracked, or loose parts
Acceleration : 980m/s2, duration : 6ms,
Wave form : half-sine wave, 3 times in each of
3 directions
8. Moisture resistance of
temperature/humidity
cycle
Insulation resistance : More than 100Mø
(in a high humidity environment)
Insulation resistance : More than 500Mø
(in a dry environment)
No broken, cracked or loose parts
Left for 10 cycles (240 hours) in an environment with
the temperature ranging from -10 to 65°C and the
humidity ranging from 90 to 98%.
9. Temperature cycle
No broken, cracked or loose parts
Temperature : 5 cycles for a series of time periods :
_55ç for 30 minutes
→ 3 minutes →
+105ç for 30 minutes
→ 3 minutes
10. Salt spray
No considerable corrosion
Continuous 48 hour cycle in 5% salt water solution
*Measurement of voltage standing wave ratio (V.S.W.R.)
The specified values of the voltage standing wave ratio (V.S.W.R.) noted above, are taken with the test set up shown in the
figure below:


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn