Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.85MM Datasheet(PDF) 5 Page - Hirose Electric

Part No. 1.85MM
Description  1.85mm coaxial connectors based on IEC Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

1.85MM Datasheet(HTML) 5 Page - Hirose Electric

  1.85MM Datasheet HTML 1Page - Hirose Electric 1.85MM Datasheet HTML 2Page - Hirose Electric 1.85MM Datasheet HTML 3Page - Hirose Electric 1.85MM Datasheet HTML 4Page - Hirose Electric 1.85MM Datasheet HTML 5Page - Hirose Electric 1.85MM Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Frequency characteristics (TYPICAL)
Precautions
1. The center pin contact has the diameter of 0.511mm. Exerise due when handling the attenuator.
When mating the attenuator with the corresponding connector rotate the hex part only.
2. When mating the attenuator pay attention to dirt on a shell interface.
When becoming dirty, please wipe it up for alcohol.
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
020
40
60
FREQUENCY(GHz)
0dB
-2
-3
-4
-5
-6
-7
-8
-9
-10
-11
-12
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
020
40
60
FREQUENCY(GHz)
3dB
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
020
40
60
FREQUENCY(GHz)
6dB
-9
-10
-11
-12
-13
-14
-15
-16
-17
-18
-19
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
020
40
60
FREQUENCY(GHz)
10dB
-19
-20
-21
-22
-23
-24
-25
-26
-27
-28
-29
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
020
40
60
FREQUENCY(GHz)
20dB
5
1.85mm Series1.85mm coaxial connectors based on IEC Specifications


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn