Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M74HCT125B1R Datasheet(PDF) 1 Page - STMicroelectronics

Part No. M74HCT125B1R
Description  QUAD BUS BUFFER (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

M74HCT125B1R Datasheet(HTML) 1 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
August 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 125
DESCRIPTION
The M74HCT125 is an high speed CMOS QUAD
BUFFER (3-STATE) fabricated with silicon gate
C2MOS technology.
The device requires the 3-STATE control input G
to be set high to place the output in to the high
impedance state.
The M74HCT125 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT125
QUAD BUS BUFFER (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT125B1R
SOP
M74HCT125M1R
M74HCT125RM13TR
TSSOP
M74HCT125TTR
TSSOP
DIP
SOP


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX125LOW VOLTAGE CMOS QUAD BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
M54HC125RAD-HARD QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
M74HC126QUAD BUS BUFFER 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
74AHC126Quad buffer/line driver; 3-state 1 2 3 4 5 MoreNXP Semiconductors
74LVT1253.3V Quad buffer 3-State 1 2 3 4 5 MoreNXP Semiconductors
74VHC126QUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics
SN54ABT125QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74LS367AHex 3-STATE Buffer/Bus Driver 1 2 3 4 Fairchild Semiconductor
HD74AC125Quad Buffer/Line Driver with 3-State Output 1 2 3 4 5 MoreHitachi Semiconductor
74ACT125MTRQUAD BUS BUFFERS 3-STATE 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn