Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M36L0R7050T0 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. M36L0R7050T0
Description  128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

M36L0R7050T0 Datasheet(HTML) 1 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
December 2004
M36L0R7050T0
M36L0R7050B0
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory
32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
FEATURES SUMMARY
MULTI-CHIP PACKAGE
1 die of 128 Mbit (8Mb x16, Multiple Bank,
Multi-level, Burst) Flash Memory
1 die of 32 Mbit (2Mb x16) Asynchronous
Pseudo SRAM
SUPPLY VOLTAGE
–VDDF = VDDP = VDDQ = 1.7 to 1.95V
–VPPF = 9V for fast program (12V tolerant)
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Device Code (Top Flash Configuration)
M36L0R7050T0: 88C4h
Device Code (Bottom Flash
Configuration) M36L0R7050B0: 88C5h
PACKAGE
Compliant with Lead-Free Soldering
Processes
Lead-Free Versions
FLASH MEMORY
SYNCHRONOUS / ASYNCHRONOUS READ
Synchronous Burst Read mode: 54MHz
Asynchronous Page Read mode
Random Access: 85ns
SYNCHRONOUS BURST READ SUSPEND
PROGRAMMING TIME
10µs typical Word program time using
Buffer Program
MEMORY ORGANIZATION
Multiple Bank Memory Array: 8 Mbit
Banks
Parameter Blocks (Top or Bottom
location)
DUAL OPERATIONS
program/erase in one Bank while read in
others
No delay between read and write
operations
SECURITY
64 bit unique device number
2112 bit user programmable OTP Cells
Figure 1. Package
BLOCK LOCKING
All blocks locked at power-up
Any combination of blocks can be locked
with zero latency
–WPF for Block Lock-Down
Absolute Write Protection with VPPF = VSS
COMMON FLASH INTERFACE (CFI)
100,000 PROGRAM/ERASE CYCLES per
BLOCK
PSRAM
ACCESS TIME: 85ns
LOW STANDBY CURRENT: 100µA
DEEP POWER-DOWN CURRENT: 10µA
BYTE CONTROL: UBP/LBP
PROGRAMMABLE PARTIAL ARRAY
8 WORD PAGE ACCESS CAPABILITY: 25ns
PARTIAL POWER-DOWN MODES
Deep Power-Down
4 Mbit Partial Power-Down
8 Mbit Partial Power-Down
16 Mbit Partial Power-Down
TFBGA88 (ZAQ)
8 x 10mm
FBGA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M36P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M39P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Low Power SDRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36P0R9060E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash memory 64 Mbit Burst PSRAM 1.8V supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36LLR8760T1256 + 128 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T0256 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T1256 Mbit Multiple Bank Multi-Level Burst Flash Memory and 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36W0R5020T032 Mbit 2Mb x16 Multiple Bank Burst Flash Memory and 4 Mbit SRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M58LR128FT128 Mbit 8Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M30L0R7000B0128 Mbit 8Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M30L0R8000T0256 Mbit 16Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn