Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6902IMS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6902IMS
Description  Multiphase Oscillator with Spread Spectrum Frequency Modulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6902IMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6902IMS Datasheet HTML 7Page - Linear Technology LTC6902IMS Datasheet HTML 8Page - Linear Technology LTC6902IMS Datasheet HTML 9Page - Linear Technology LTC6902IMS Datasheet HTML 10Page - Linear Technology LTC6902IMS Datasheet HTML 11Page - Linear Technology LTC6902IMS Datasheet HTML 12Page - Linear Technology LTC6902IMS Datasheet HTML 13Page - Linear Technology LTC6902IMS Datasheet HTML 14Page - Linear Technology LTC6902IMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6902
11
6902f
THEORY OF OPERATIO
fMAX
fMIN
128 STEPS
TIME
69012 F05
3200
fMASTER
τSTEP
τSTEP =
τREPEAT
3200 • 512
fMASTER
τREPEAT =
Figure 5
APPLICATIO S I FOR ATIO
SELECTING THE DIVIDER SETTING AND RSET VALUE
The LTC6902’s master oscillator has a frequency range
spanning 0.1MHz to 20MHz. However, accuracy may
suffer if the master oscillator is operated at greater than
10MHz with a supply voltage lower than 4V. A program-
mable divider extends the frequency range to greater than
three decades. Additional frequency division may occur
depending on the multiphase mode selected. The
multiphase mode and the parameter M are generally
dependent on the application’s requirement and usually
do not offer any additional design flexibility.
The LTC6902’s master oscillator covers a 200:1 range
while the programmable divider has 10:1 steps (1, 10,
100). This wide frequency range coupled with the part’s
programmable divider yields at least two solutions for any
desired output frequency (the exception being the highest
output frequencies that cannot be divided down). Choos-
ing the best divider setting and the correct RSET resistor
value depends on the application.
For spread spectrum frequency modulated (SSFM) appli-
cations, choose the highest divider setting. This forces the
master oscillator to run at its highest frequency. The
pseudorandom signal generator is clocked by the master
oscillator, not the output, and the faster the signal moves
the greater the improvement in EMC performance. For
most applications the multiphase mode is determined by
the specific application’s need. For these applications, the
parameter M is predetermined and fixed. Table 1 lists the
recommended output (fOUT) frequency range for each
divider setting when using SSFM.
clock cycle. Note that the shift register clock is the master
oscillator’s output divided by 3200. This results in a some-
what slow moving modulating signal where each step is
separated in time by 3200/fMASTER seconds and the pseu-
dorandom sequence repeats every (512 • 3200)/fMASTER
seconds.
The servo loop in the LTC6902 cannot respond instanta-
neously to each step due to its limited bandwidth. The
VMOD voltage steps are converted to frequency steps by
the servo loop. The servo loop has a bandwidth of about
25kHz that limits the frequency change rate and softens
corners of the waveform. This is beneficial when the
LTC6902 is used to clock switching regulators as will be
discussed in the Applications Information section. Fig-
ure 5 illustrates the how the output frequency varies over
time.


Similar Part No. - LTC6902IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6902 LINER-LTC6902 Datasheet
1Mb / 28P
   Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
More results

Similar Description - LTC6902IMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
   110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LT3795 LINER-LT3795_15 Datasheet
589Kb / 30P
   110V LED Controller with Spread Spectrum Frequency Modulation
LT3795 LINER-LT3795 Datasheet
398Kb / 8P
   110V LED Controller with Spread Spectrum Frequency Modulation
logo
Maxim Integrated Produc...
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
logo
Dallas Semiconductor
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Texas Instruments
TPS92692 TI1-TPS92692 Datasheet
1Mb / 55P
[Old version datasheet]   High Accuracy LED Controller With Spread Spectrum Frequency Modulation
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com