Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3658 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3658
Description  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3658 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3658 Datasheet HTML 4Page - National Semiconductor (TI) LM3658 Datasheet HTML 5Page - National Semiconductor (TI) LM3658 Datasheet HTML 6Page - National Semiconductor (TI) LM3658 Datasheet HTML 7Page - National Semiconductor (TI) LM3658 Datasheet HTML 8Page - National Semiconductor (TI) LM3658 Datasheet HTML 9Page - National Semiconductor (TI) LM3658 Datasheet HTML 10Page - National Semiconductor (TI) LM3658 Datasheet HTML 11Page - National Semiconductor (TI) LM3658 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LM3658 Operation Description
POWER-DOWN MODE
The LM3658 will power down automatically when the voltage
on the USBpwr or CHG_IN pin drops below the battery
voltage with an amount that is equal to V
OK_CHG (VBATT >
V
CC -VOK_CHG). Power-Down mode shuts off the internal
power FETs as well as the open-drain pull-down transistors
on the status pins STAT1 and STAT2. The only current
consumed by the LM3658 is an ultra-low quiescent current
of 1 µA typical.
POWER-ON RESET
As soon as the voltage of one of the power sources rises
above V
BATT +VOK_CHG, the charger will wake up. However,
charging will not be initiated unless the supply voltage
source exceeds the V
POR.
AUTOMATIC POWER SOURCE DETECTION
When the voltage of one of the power sources exceeds the
V
POR threshold, the LM3658 detects which power source is
a valid charge supply. When both supply voltages are valid
and present, CHG_IN will automatically be selected over
USBpwr. The USBpwr will be the designated power source
only if no CHG_IN is present or when the voltage on the
CHG_IN pin is less than the battery voltage.
THERMAL POWER FET REGULATION
The internal power FETs are thermally regulated to the junc-
tion temperature of 120oC to guarantee optimal charging of
the battery. At all times is the charge current limited by the
I
SET resistor setting, the USB 100 mA/500 mA selection, or
the 100oC junction temperature of the LM3658. The charge
current is therefore a function of the charge current settings,
the thermal conductivity of the package and the ambient
temperature as described in the following equation:
20128205
Where T
A is the ambient temperature and
θ
JA is the thermal
resistance of the package. Thermal regulation guarantees
maximum charge current and superior charge rate without
exceeding the power dissipation limits of the LM3658.
PRE-QUALIFICATION MODE
During pre-qualification, STAT1 is on and STAT2 is off, and
the charger supplies a constant current of 50 mA to the
battery. When the battery voltage reaches V
FULL_RATE, the
charger transitions from pre-qualification to full-rate charg-
ing. The pre-qualification mode aborts when the battery
doesn’t reach V
FULL_RATE
within the time allowed in
T
PREQUAL timer. In this event, charging stops and STAT1 and
STAT2 will both be on, indicating a bad battery condition.
CHG_IN FULL-RATE CHARGING MODE
The full-rate charge cycle is initiated following the successful
completion of the pre-qualification mode. Timer T
CHG starts
to count when the charger enters full-rate charging, with
STAT1 on and STAT2 off. When charging with an AC wall
adapter, the full-rate charge current is proportional to the
value of the resistor that is connected to the I
SET pin as
described in the following equation:
It is recommended to charge Li-Ion batteries at 1C rate,
where “C” is the capacity of the battery. As an example, it is
recommended to charge a 750 mAh battery at 750 mA, or
1C. Charging at a higher rate can cause damage to the
battery.
USBpwr FULL-RATE CHARGING MODE
The full-rate charge cycle is initiated following the successful
completion of the pre-qualification mode. Timer T
CHG starts
to count when the charger enters full-rate charging, with
STAT1 on and STAT2 off. If the USB bus provides the
charger supply, then the default full-rate charge current is
100 mA max unless the USB_sel pin is pulled high, which
sets the charge current to 500 mA max.
CONSTANT-VOLTAGE CHARGING MODE AND
END-OF-CHARGE (EOC) DETECTION
The battery voltage increases rapidly as a result of full-rate
charging and will reach the 4.2V termination voltage, trigger-
ing the constant-voltage charge cycle. Timer T
CHG continues
to count in this cycle. STAT1 is on and STAT2 is off. The
charge current gradually decreases during constant-voltage
charging until it reaches the End-Of-Charge (EOC), which is
equal to 10% of the full-rate current set either by the resistor
connected to the I
SET pin or the USB_sel pin. If Timer TCHG
times out before EOC is reached, charging stops and STAT1
and STAT2 will both be on, indicating a bad battery condition.
TOP-OFF CHARGING MODE
Once EOC has been reached, a top-off cycle continues to
charge the battery. Timed top-off cycle provides optimal
battery capacity following a complete charge cycle. During
this cycle, charging terminates when I
CHG reaches 2.5% of
the full-rate charge current or when T
TOPOFF times out,
whichever occurs first. STAT1 will turn off and STAT2 will turn
on once the top-off cycle completes successfully, indicating
that charging is done.
MAINTENANCE MODE
Maintenance mode begins immediately after the charger
successfully finishes the top-off cycle. In the maintenance
mode, the battery voltage is being monitored by the LM3658
continuously. If the battery voltage drops 200 mV below
V
TERM, a new full-rate charge cycle starts to replenish the
battery. As this new full-rate charge cycle begins, STAT1 will
turn on and STAT2 will turn off, and all the timers will reset.
Refer to the LM3658 Flowchart.
CHARGE STATUS OUTPUTS
The LM3658 provides two open-drain outputs STAT1 and
STAT2 that can be connected to external LEDs or to General
Purpose I/O’s (GPIO) of a peripheral IC. All charge status of
the LM3658 is illustrated in Table 3. “ON” means that STATx
pin is pulled low as its pull-down transistor is turned on,
representing a logic 0.
www.national.com
8


Similar Part No. - LM3658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3658 TI1-LM3658 Datasheet
871Kb / 21P
[Old version datasheet]   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD TI1-LM3658SD Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A/NOPB TI1-LM3658SD-A/NOPB Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A/NOPB TI1-LM3658SD-A/NOPB Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
More results

Similar Description - LM3658

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3658 TI1-LM3658_14 Datasheet
871Kb / 21P
[Old version datasheet]   Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-B TI1-LM3658SD-B Datasheet
869Kb / 21P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
LM3658SD-A TI1-LM3658SD-A Datasheet
792Kb / 20P
[Old version datasheet]   LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
logo
Eutech Microelectronics...
EUP8020X EUTECH-EUP8020X Datasheet
397Kb / 12P
   Dual Source AC/USB Li-Ion/Polymer Charger IC for Portable Applications
logo
Richtek Technology Corp...
RT9524 RICHTEK-RT9524 Datasheet
336Kb / 12P
   Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102 Datasheet
117Kb / 3P
   Dual source USB Li-Ion charger with gas gauge
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
   Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Texas Instruments
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com