Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7118 Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE7118
Description  Integrated Circuit Audio Power Amplifier, 50W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7118 Datasheet(HTML) 3 Page - NTE Electronics

  NTE7118 Datasheet HTML 1Page - NTE Electronics NTE7118 Datasheet HTML 2Page - NTE Electronics NTE7118 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
+VCC
–VCC
Pin Connection Diagram
(Front View)
Protection
Input
Bootstrap
GND
1
2
3
4
Mute
5
Output
6
7
8
Feedback
9
91
.961 (24.4)
.780 (19.8)
.185 (4.7)
.100 (2.54)
.079 (2.0)
.079
(2.0)
.674
(17.0)
.489
(12.4)


Similar Part No. - NTE7118

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7110 NTE-NTE7110 Datasheet
22Kb / 2P
   Integrated Circuit 3 Channel Analog Switch
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE7114 NTE-NTE7114 Datasheet
97Kb / 4P
   Integrated Circuit Audio Power Amplifier, Quad 11W (2 x 22W)
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
More results

Similar Description - NTE7118

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1281 NTE-NTE1281 Datasheet
78Kb / 2P
   Integrated Circuit Module − Hybrid, Audio Power Amplifier, 50W
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
   Integrated Circuit 50W to 80W Power Amplifier, Driver
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
NTE1376 NTE-NTE1376 Datasheet
24Kb / 3P
   Integrated Circuit Audio Power Amplifier, 22W
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 500mW
NTE1378 NTE-NTE1378 Datasheet
24Kb / 3P
   Integrated Circuit Audio Power Amplifier, 10W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com