Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA355DR7GB223KW01 Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # GA355DR7GB223KW01
Description  Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GA355DR7GB223KW01 Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button GA355DR7GB223KW01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GA355DR7GB223KW01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
■ Others
1.Transportation
1. The performance of a capacitor may be affected by the conditions during transportation.
1-1. The capacitors shall be protected against excessive temperature, humidity and mechanical force during transportation.
(1) Climatic condition
 ・ low air temperature : -40℃
・ change of temperature air/air : -25℃/+25℃
・ low air pressure : 30 kPa
・ change of air pressure : 6 kPa/min.
(2) Mechanical condition
Transportation shall be done in such a way that the boxes are not deformed and forces are not directly passed
on to the inner packaging.
1-2. Do not apply excessive vibration, shock, or pressure to the capacitor.
(1) When excessive mechanical shock or pressure is applied to a capacitor, chipping or cracking may occur
in the ceramic body of the capacitor.
(2) When the sharp edge of an air driver, a soldering iron, tweezers, a chassis, etc. impacts strongly on the surface
of the capacitor, the capacitor may crack and short-circuit.
1-3. Do not use a capacitor to which excessive shock was applied by dropping etc.
A capacitor dropped accidentally during processing may be damaged.
2.Characteristics Evaluation in the Actual System
1. Evaluate the capacitor in the actual system,to confirm that there is no problem with the performance and specification
values in a finished product before using.
2. Since a voltage dependency and temperature dependency exists in the capacitance of high dielectric type ceramic
capacitors, the capacitance may change depending on the operating conditions in the actual system.
Therefore,be sure to evaluate the various characteristics, such as the leakage current and noise absorptivity,
which will affect the capacitance value of the capacitor.
3. In addition,voltages exceeding the predetermined surge may be applied to the capacitor by the inductance in
the actual system. Evaluate the surge resistance in the actual system as required.
Notice
JEMCGC-02981C
23


Similar Part No. - GA355DR7GB223KW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GA355DR7GB223KW01K MURATA1-GA355DR7GB223KW01K Datasheet
529Kb / 4P
   Ceramic Capacitors(SMD)
10/24/2022
GA355DR7GB223KW01L MURATA1-GA355DR7GB223KW01L Datasheet
529Kb / 4P
   Ceramic Capacitors(SMD)
10/24/2022
More results

Similar Description - GA355DR7GB223KW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GA342A1XGD820JW31 MURATA-GA342A1XGD820JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD220JY02 MURATA-GA342D1XGD220JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF330JW31 MURATA-GA342A1XGF330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD330JW31 MURATA-GA342A1XGD330JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF390JW31 MURATA-GA342A1XGF390JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA343QR7GD182KW01 MURATA-GA343QR7GD182KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA355QR7GF222KW01 MURATA-GA355QR7GF222KW01 Datasheet
714Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGF270JW31 MURATA-GA342A1XGF270JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342D1XGD150JY02 MURATA-GA342D1XGD150JY02 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342QR7GD101KW01 MURATA-GA342QR7GD101KW01 Datasheet
713Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
GA342A1XGD270JW31 MURATA-GA342A1XGD270JW31 Datasheet
711Kb / 24P
   Chip Monolithic Ceramic Capacitor for Safety Standard Certified GA3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com