Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSLVDS1002 Datasheet(PDF) 18 Page - Texas Instruments

Part # DSLVDS1002
Description  3.3-V LVDS Single Channel High Speed Differential Receiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DSLVDS1002 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DSLVDS1002_18 Datasheet HTML 14Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 15Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 16Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 17Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 18Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 19Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 20Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 21Page - Texas Instruments DSLVDS1002_18 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Signal Trace
Uninterrupted Ground Plane
Signal Trace
Uninterrupted Ground Plane
Signal Via
Ground Via
Layer 6
Layer 1
0402
0402
VDD
IN±
IN+
(a)
(b)
18
DSLVDS1002
SNLS619 – JULY 2018
www.ti.com
Product Folder Links: DSLVDS1002
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Layout Guidelines (continued)
important for heat dissipation makes the optimal decoupling layout impossible to achieve due to insufficient pad-
to-dap spacing as shown in Figure 13(b). When this occurs, placing the decoupling capacitor on the backside of
the board keeps the extra inductance to a minimum. It is important to place the VDD via as close to the device pin
as possible while still allowing for sufficient solder mask coverage. If the via is left open, solder may flow from the
pad and into the via barrel. This will result in a poor solder connection.
Figure 13. Typical Decoupling Capacitor Layouts
12.2 Layout Example
At least two or three times the width of an individual trace should separate single-ended traces and differential
pairs to minimize the potential for crosstalk. Single-ended traces that run in parallel for less than the wavelength
of the rise or fall times usually have negligible crosstalk. Increase the spacing between signal paths for long
parallel runs to reduce crosstalk. Boards with limited real estate can benefit from the staggered trace layout, as
shown in Figure 14.
Figure 14. Staggered Trace Layout
This configuration lays out alternating signal traces on different layers; thus, the horizontal separation between
traces can be less than 2 or 3 times the width of individual traces. To ensure continuity in the ground signal path,
TI recommends having an adjacent ground via for every signal via, as shown in Figure 15. Note that vias create
additional capacitance. For example, a typical via has a lumped capacitance effect of 1/2 pF to 1 pF in FR4.
Figure 15. Ground Via Location (Side View)
Short and low-impedance connection of the device ground pins to the PCB ground plane reduces ground
bounce. Holes and cutouts in the ground planes can adversely affect current return paths if they create
discontinuities that increase returning current loop areas.
To minimize EMI problems, TI recommends avoiding discontinuities below a trace (for example, holes, slits, and
so on) and keeping traces as short as possible. Zoning the board wisely by placing all similar functions in the
same area, as opposed to mixing them together, helps reduce susceptibility issues.


Similar Part No. - DSLVDS1002_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSLVDS1002DBVR TI1-DSLVDS1002DBVR Datasheet
643Kb / 26P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Receiver
DSLVDS1002DBVT TI1-DSLVDS1002DBVT Datasheet
643Kb / 26P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Receiver
More results

Similar Description - DSLVDS1002_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSLVDS1002 TI1-DSLVDS1002 Datasheet
643Kb / 26P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Receiver
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
DSLVDS1001 TI1-DSLVDS1001_18 Datasheet
655Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
DSLVDS1047 TI1-DSLVDS1047_19 Datasheet
1Mb / 29P
[Old version datasheet]   3.3-V LVDS Quad Channel High-Speed Differential Line Driver
DSLVDS1047 TI1-DSLVDS1047 Datasheet
661Kb / 26P
[Old version datasheet]   3.3-V LVDS Quad Channel High-Speed Differential Line Driver
logo
Fairchild Semiconductor
FIN1019 FAIRCHILD-FIN1019 Datasheet
1Mb / 14P
   3.3V LVDS High Speed Differential Driver/Receiver
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com