Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLRC610 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SLRC610
Description  High-performance ICODE frontend SLRC610 and SLRC610 plus
Download  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC610 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SLRC610 Datasheet HTML 5Page - NXP Semiconductors SLRC610 Datasheet HTML 6Page - NXP Semiconductors SLRC610 Datasheet HTML 7Page - NXP Semiconductors SLRC610 Datasheet HTML 8Page - NXP Semiconductors SLRC610 Datasheet HTML 9Page - NXP Semiconductors SLRC610 Datasheet HTML 10Page - NXP Semiconductors SLRC610 Datasheet HTML 11Page - NXP Semiconductors SLRC610 Datasheet HTML 12Page - NXP Semiconductors SLRC610 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 145 page
background image
NXP Semiconductors
SLRC610
High-performance ICODE frontend SLRC610 and SLRC610 plus
SLRC610
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 4.5 — 27 June 2018
COMPANY PUBLIC
227645
9 / 145
The TxIRQ bit in register IRQ0 indicates that the transmission is finished. If the state
changes from sending data to transmitting the end of the frame pattern, the transmitter
unit sets the interrupt bit automatically.
The bit RxIRQ in register IRQ0 indicates an interrupt when the end of the received data is
detected.
The bit IdleIRQ in register IRQ0 is set if a command finishes and the content of the
command register changes to idle.
The register WaterLevel defines both - minimum and maximum warning levels - counting
from top and from bottom of the FIFO by a single value.
The bit HiAlertIRQ in register IRQ0 is set to logic 1 if the HiAlert bit is set to logic 1, that
means the FIFO data number has reached the top level as configured by the register
WaterLevel and bit WaterLevelExtBit.
The bit LoAlertIRQ in register IRQ0 is set to logic 1 if the LoAlert bit is set to logic 1, that
means the FIFO data number has reached the bottom level as configured by the register
WaterLevel.
The bit ErrIRQ in register IRQ0 indicates an error detected by the contactless UART
during receive. This is indicated by any bit set to logic 1 in register Error.
The bit LPCDIRQ in register IRQ0 indicates a card detected.
The bit RxSOFIRQ in register IRQ0 indicates a detection of a SOF or a subcarrier by the
contactless UART during receiving.
The bit GlobalIRQ in register IRQ1 indicates an interrupt occurring at any other interrupt
source when enabled.
Table 5. Interrupt sources
Interrupt bit
Interrupt source
Is set automatically, when
Timer0IRQ
Timer Unit
the timer register T0 CounterVal underflows
Timer1IRQ
Timer Unit
the timer register T1 CounterVal underflows
Timer2IRQ
Timer Unit
the timer register T2 CounterVal underflows
Timer3IRQ
Timer Unit
the timer register T3 CounterVal underflows
TxIRQ
Transmitter
a transmitted data stream ends
RxIRQ
Receiver
a received data stream ends
IdleIRQ
Command Register
a command execution finishes
HiAlertIRQ
FIFO-buffer pointer
the FIFO data number has reached the top level as
configured by the register WaterLevel
LoAlertIRQ
FIFO-buffer pointer
the FIFO data number has reached the bottom level as
configured by the register WaterLevel
ErrIRQ
contactless UART
a communication error had been detected
LPCDIRQ
LPCD
a card was detected when in low-power card detection
mode
RxSOFIRQ
Receiver
detection of a SOF or a subcarrier
GlobalIRQ
all interrupt sources
will be set if another interrupt request source is set


Similar Part No. - SLRC610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SLRC610 NXP-SLRC610 Datasheet
1Mb / 139P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 5.1 - 3 January 2024
SLRC61002HN NXP-SLRC61002HN Datasheet
1Mb / 139P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 5.1 - 3 January 2024
SLRC61002HN/T NXP-SLRC61002HN/T Datasheet
1Mb / 139P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 5.1 - 3 January 2024
SLRC61002HN/TRAYB NXP-SLRC61002HN/TRAYB Datasheet
1Mb / 139P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 5.1 - 3 January 2024
SLRC61002HN/TRAYBM NXP-SLRC61002HN/TRAYBM Datasheet
1Mb / 139P
   High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 5.1 - 3 January 2024
More results

Similar Description - SLRC610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
   High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
MFRC631 NXP-MFRC631 Datasheet
1Mb / 149P
   High-performance ISO/IEC 14443 A/B frontend MFRC631 and MFRC631 plus
Rev.4.5-12 September 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
SL2S6002 NXP-SL2S6002 Datasheet
218Kb / 14P
   ICODE DNA
Rev. 3.0 ??16 June 2016
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
SL2S5302 NXP-SL2S5302 Datasheet
173Kb / 35P
   ICODE SLIX-S
Rev. 3.2-27 August 2012
SL2S2602 NXP-SL2S2602 Datasheet
491Kb / 55P
   ICODE SLIX2
Rev. 4.1-25 July 2017
SL2S1402 NXP-SL2S1402 Datasheet
314Kb / 33P
   ICODE ILT
Rev. 3.3-15 October 2019
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
   NFC frontend
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com