Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN7120 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PN7120
Description  NFC controller with integrated firmware, supporting all NFC Forum modes
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN7120 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PN7120 Datasheet HTML 46Page - NXP Semiconductors PN7120 Datasheet HTML 47Page - NXP Semiconductors PN7120 Datasheet HTML 48Page - NXP Semiconductors PN7120 Datasheet HTML 49Page - NXP Semiconductors PN7120 Datasheet HTML 50Page - NXP Semiconductors PN7120 Datasheet HTML 51Page - NXP Semiconductors PN7120 Datasheet HTML 52Page - NXP Semiconductors PN7120 Datasheet HTML 53Page - NXP Semiconductors PN7120 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
NXP Semiconductors
PN7120
NFC controller with integrated firmware, supporting all NFC Forum modes
PN7120
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.5 — 11 June 2018
COMPANY PUBLIC
312435
50 / 58
18 Abbreviations
Table 47. Abbreviations
Acronym
Description
API
Application Programming Interface
ASK
Amplitude Shift keying
ASK modulation
index
The ASK modulation index is defined as the voltage ratio (Vmax - Vmin)/
(Vmax + Vmin) × 100 %
Automatic device
discovery
Detect and recognize any NFC peer devices (initiator or target) like: NFC
initiator or target, ISO/IEC 14443-3, -4 Type A&B PICC, MIFARE Classic and
MIFARE Ultralight PICC, ISO/IEC 15693 VICC
BPSK
Bit Phase Shift Keying
Card Emulation
The IC is capable of handling a PICC emulation on the RF interface including
part of the protocol management. The application handling is done by the
host controller.
DEP
Data Exchange Protocol
DSLDO
Dual Supplied LDO
FW
FirmWare
HPD
Hard Power Down
LDO
Low Drop Out
LFO
Low Frequency Oscillator
MOSFET
Metal Oxide Semiconductor Field Effect Transistor
MSL
Moisture Sensitivity Level
NCI
NFC Controller Interface
NFC
Near Field Communication
NFCC
NFC Controller, PN7120 in this data sheet
NFC Initiator
Initiator as defined in ISO/IEC 18092 or ECma 340: NFCIP-1 communication
NFCIP
NFC Interface and Protocol
NFC Target
Target as defined in ISO/IEC 18092 or ECma 340: NFCIP-1 communication
NRZ
Non Return to Zero
P2P
Peer to Peer
PCD
Proximity Coupling Device. Definition for a Card reader/writer device
according to the ISO/IEC 14443 specification or MIFARE Classic
PCD -> PICC
Communication flow between a PCD and a PICC according to the ISO/IEC
14443 specification or MIFARE Classic
PICC
Proximity Interface Coupling Card. Definition for a contactless Smart Card
according to the ISO/IEC 14443 specification or MIFARE Classic
PICC-> PCD
Communication flow between a PICC and a PCD according to the ISO/IEC
14443 specification or MIFARE Classic
PMOS
P-channel MOSFET
PMU
Power Management Unit
PSL
Parameter SeLection


Similar Part No. - PN7120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150 NXP-PN7150 Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN/C110XX NXP-PN7150B0HN/C110XX Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
PN7150B0UK/C110XX NXP-PN7150B0UK/C110XX Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
More results

Similar Description - PN7120

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220_V01 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.1 - 20 September 2023
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
   NFC Forum Compliant Dynamic Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com