Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


NTE7116 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7116
Description  Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE7116
Integrated Circuit
Phase Lock Loop (PLL) Stereo Decoder
(BTSC System)
Description:
The NTE7116 is a phase lock loop (PLL) stereo decoder in a 20–Lead DIP type package designed
primarily for low cost stereo decoding in a low–to–medium–line TV. The MUX input (Pin1) is a low
impedance current input, the gain of the input amplifier is therefore determined by the external resistor
R1. All characteristics are measured with R1 = 47k
Ω. The de–emphasis of (L, R) and (L – R) can
be chosen by means of external capacitors and resistors. The supply voltage range of the device is
from 7V to 16V.
Features:
D Wide Supply Voltage Range
D Automatic Mono/Stereo Switching (Pilot Presence Detector)
D LED Driver for Stereo Indicator
D Smooth Mono/Stereo Control
D Matrix and Two Amplifiers for Left and Right Output Signals
D A Source Selector to Switch between the MUX Signal and an External Signal
D Mute Circuit for 60dB Muting of the Output Level
D External De–Emphasis Control of (L, R) and (L – R)
D 6dB Fixed Attenuation of (L – R) with respect to (L + R) Prior to Matrix
D All Pins are Protected Against Electrostatic Discharge (ESD)
Absolute Maximum Ratings:
Supply Voltage Range (Pin5), VP
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LED Driver Current (Peak Value), I3
75mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C), Ptot
1.9W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Handling, Ves
–2 to +2kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1206Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 NTE Electronics
NTE7050Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 4 5 NTE Electronics
NTE743Integrated Circuit Phase Lock Loop PLL Stereo Decoder 1 2 3 NTE Electronics
NTE1248Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demod 1 2 3 NTE Electronics
NTE1217Integrated Circuit Phase Lock Loop PLL FM Multiplex Stereo Demodulator 1 2 NTE Electronics
NTE1560Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex Demodulator 1 2 NTE Electronics
NTE1657Integrated Circuit Phase Lock Loop PLL FM Stereo Multiplex 1 2 3 NTE Electronics
NTE1534Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio 1 2 NTE Electronics
NTE989Integrated Circuit General Purpose Phase Lock Loop PLL 1 2 3 4 NTE Electronics
NTE15013Integrated Circuit TV VIF Amp Phase Lock Loop PLL 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl