Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFN72N55Q2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN72N55Q2
Description  HiPerFET Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN72N55Q2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN72N55Q2 Datasheet HTML 1Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 2Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 3Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN 72N55Q2
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS = 10 V; ID = 0.5 • ID25
Note 1
40
57
S
C
iss
10500
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
1500
pF
C
rss
230
pF
t
d(on)
30
ns
t
r
V
GS = 10 V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
23
ns
t
d(off)
R
G = 1 Ω (External)
58
ns
t
f
10
ns
Q
g(on)
258
nC
Q
gs
V
GS = 10 V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
65
nC
Q
gd
123
nC
R
thJC
0.14
K/W
R
thCK
0.05
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
72
A
I
SM
Repetitive;
288
A
pulse width limited by T
JM
V
SD
I
F = IS, VGS = 0 V, Note 1
1.5
V
t
rr
250
ns
Q
RM
1.2
µC
I
RM
8A
I
F = 25A
-di/dt = 100 A/
µs
V
R = 100 V
Note: 1. Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
miniBLOC, SOT-227 B Outline
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
38.00
38.23
1.496
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004


Similar Part No. - IXFN72N55Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN70N120SK IXYS-IXFN70N120SK Datasheet
439Kb / 7P
   Kelvin Source gate connection
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
   HiPerFET Power MOSFET Q2-Class
IXFN73N30 IXYS-IXFN73N30 Datasheet
131Kb / 4P
   HiPerFET Power MOSFETs
IXFN73N30Q IXYS-IXFN73N30Q Datasheet
98Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFN75N50 IXYS-IXFN75N50 Datasheet
126Kb / 4P
   HiPerFET Power MOSFETs Single Die MOSFET
More results

Similar Description - IXFN72N55Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
   HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
   HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
   HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
   HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
   HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
   HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
   HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
   HiPerFET Power MOSFET
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
   HiPerFET Power MOSFET
IXFK55N50 IXYS-IXFK55N50 Datasheet
577Kb / 4P
   HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com