Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFAG30 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFAG30
Description  HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFAG30 Datasheet(HTML) 2 Page - International Rectifier

  IRFAG30 Datasheet HTML 1Page - International Rectifier IRFAG30 Datasheet HTML 2Page - International Rectifier IRFAG30 Datasheet HTML 3Page - International Rectifier IRFAG30 Datasheet HTML 4Page - International Rectifier IRFAG30 Datasheet HTML 5Page - International Rectifier IRFAG30 Datasheet HTML 6Page - International Rectifier IRFAG30 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFAG30
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction to Case
1.67
RthJA
Junction to Ambient
30
Typical socket mount
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
2.3
ISM
Pulse Source Current (Body Diode) ➀
9.2
VSD
Diode Forward Voltage
1.8
V
Tj = 25°C, IS =2.3A, VGS = 0V ➃
trr
Reverse Recovery Time
470
nS
Tj = 25°C, IF =2.3A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
1.7
µC
VDD ≤ 50V ➃
t on
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ
Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
1000
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
1.4
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
5.6
VGS = 10V, ID =1.5A ➃
Resistance
6.5
VGS =10V, ID =2.3A ➃
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID =250µA
gfs
Forward Transconductance
2.1
S ( )VDS > 15V, IDS =1.5A ➃
IDSS
Zero Gate Voltage Drain Current
2 5
VDS = 800V, VGS = 0V
250
VDS = 800V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
3 0
6 8
VGS = 10V, ID = 2.3A
Qgs
Gate-to-Source Charge
2.5
6.3
nC
VDS = 500V
Qgd
Gate-to-Drain (‘Miller’) Charge
1 6
3 6
td(on)
Turn-On Delay Time
2 3
VDD = 400V*, ID =2.3A,
t r
Rise Time
4 2
RG =7..5Ω
td(off)
Turn-Off Delay Time
210
tf
Fall Time
6 0
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
980
VGS = 0V, VDS = 25V
Coss
Output Capacitance
140
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
5 0
nA
nH
ns
µA
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)
*Equipment Limitation


Similar Part No. - IRFAG30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAG30 IRF-IRFAG30 Datasheet
149Kb / 7P
   Simple Drive Requirements
IRFAG30 IRF-IRFAG30_15 Datasheet
149Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFAG30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE50 IRF-IRFAE50 Datasheet
151Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAF30 IRF-IRFAF30 Datasheet
156Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAF40 IRF-IRFAF40 Datasheet
151Kb / 7P
   HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE) 900V, N-CHANNEL
IRFAE30 IRF-IRFAE30 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF034 IRF-IRF034 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF054 IRF-IRF054 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAG50 IRF-IRFAG50 Datasheet
156Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF230 IRF-IRF230 Datasheet
151Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRFAC30 IRF-IRFAC30 Datasheet
144Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
IRF044 IRF-IRF044 Datasheet
146Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-204AA/AE)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com