Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7112 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7112
Description  Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7112 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7112 Datasheet HTML 1Page - NTE Electronics NTE7112 Datasheet HTML 2Page - NTE Electronics NTE7112 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Transfer Quantity
TDC
Video input 1VP–P(stair step),
APL 10 to 90, B output
90
96
100
%
Color Difference Voltage Amplification
B – Y
AV (B – Y)
Sine wave 10kHz, 240mVP–P, Pin9
output voltage gain for Pin12 input
5.1
6.6
7.9
times
R – Y
AV (R – Y)
Cosine wave 10kHz, 200mVP–P
Pin7 for Pin15 input
5.1
6.6
7.9
times
G – Y Color Difference Ratio
G – Y/B – Y
Sine wave 10kHz, 240VP–P, Pin12
input
cosine
wave
10kHz,
200mVP–P, Pin8 output ratio to Pin9
output for Pin15 input
0.28
0.34
0.40
times
Demodulation Color (G – Y)
∠(G – Y)
In G – Y/B – Y, phase difference
between Pin8 output and Pin9 out-
put
234
236
239
deg.
Color Difference Output Voltage (max.)
eo
Sine/Cosine wave 10kHz, Pin7 or
Pin9 output voltage at input 1.5VP–P
5.5
6.5
7.6
VP–P
Differential Gain (Video Amp)
DG
Superimpose
3.58MHz
compo-
nents at 10mVP–P on the video part
of stair step 1VP–P for measurement
with a vector scope
6
%
Demodulation DC Output Voltage
EO(DC)
V4 = 8V, VR–4 for input invalid
Signal: VR–5 RGB outputs
1.3
1.9
2.4
V
EO(DC) Change w/Supply Voltage
∆EO(DC)/VCC VCC = 12V ±20%, V7 = 2V
(VCC = 12V) RGB outputs
0.16
0.24
0.32
V/V
EO(DC) Change w/Ambient Temperature
∆EO(DC)/TA V7 = 2V (TA = +25°C)
TA = –20° to +70°C, RGB outputs
–4
–2
+0.5
mV/
°C
DC Voltage Difference between
Demodulation Outputs
∆EX–Y
V7 = 2V, Output differential voltage
for each of R.G.B
0
±300
mV
∆EX–Y Change w/Supply Voltage
∆EX–Y/VCC VCC = 12V ±20%, V7 = 2V
(VCC = 12V) for VCC = 12V
0
±100
mV
∆EX–Y Change w/Ambient Temperature
∆EX–Y/TA
V7 = 2V (TA = +25°C)
TA = –20° to +70°C, for TA = +25°C
0
±100
mV
Pedestal Clamp Voltage
V(clamp)
Pulse voltage for pedestal clamp
operation
0.65
0.85
1.05
V
Blanking Voltage
V(BLK)
Pulse voltage for blanking operation
0.65
0.85
1.05
V


Similar Part No. - NTE7112

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7110 NTE-NTE7110 Datasheet
22Kb / 2P
   Integrated Circuit 3 Channel Analog Switch
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE7114 NTE-NTE7114 Datasheet
97Kb / 4P
   Integrated Circuit Audio Power Amplifier, Quad 11W (2 x 22W)
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
NTE7116 NTE-NTE7116 Datasheet
37Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)
More results

Similar Description - NTE7112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5622 PANASONIC-AN5622 Datasheet
344Kb / 6P
   PAL System Color TV Chrominance Signal Processing Circuit
AN5630N PANASONIC-AN5630N Datasheet
310Kb / 5P
   SECAM SYSTEM COLOR TV CHROMINANCE SIGNAL PROCESSING CIRCUIT
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
logo
List of Unclassifed Man...
AN5310 ETC1-AN5310 Datasheet
168Kb / 5P
   Color TV Video and Chrominance Signal Processing Circuits
logo
Panasonic Semiconductor
AN5431 PANASONIC-AN5431 Datasheet
92Kb / 3P
   Color TV Deflection Signal Processing Circuit
logo
NTE Electronics
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
logo
Panasonic Semiconductor
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
   Video Signal Processing Circuit for TV Cameras
logo
List of Unclassifed Man...
AN5318N ETC1-AN5318N Datasheet
363Kb / 5P
   CHROMINANCE SIGNAL PROCESSING CIRCUIT (WITH CILOR COMPENSATION CIRCUIT)
logo
NTE Electronics
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
   Integrated Circuit TV Video Processing Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com