Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS2309MI-1H Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS2309MI-1H
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2309MI-1H Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS2309MI-1H Datasheet HTML 1Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 2Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 3Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 4Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 5Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 6Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 7Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 8Page - Integrated Circuit Systems ICS2309MI-1H Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MDS 2309 D
2
Revision 052405
In te gr ated Circuit Systems
5 25 Race Stree t, San Jose, CA 951 26 te l (40 8) 2 97-12 01 www.icst.com
ICS2309
Pin Assignment
Output Clock Mode Select Table
Note 1. Outputs are in high impedance state
Note 2. Buffer mode only; not zero delay between input and output
Pin Descriptions
12
1
11
2
10
CLKIN
CLKOUT
3
9
CLKA1
4
CLKA2
CLKA4
5
VDD
6
CLKA3
7
GND
8
CLKB1
VDD
GND
CLKB4
CLKB2
CLKB3
S2
S1
16
15
14
13
16 pin narrow (150 mil) SOIC
S2
S1
CLKA1:A4
CLKB1:B4
A & B Source
PLL Status
0
0
Tri-state (note 1)
Tri-state (note 1)
PLL
OFF
0
1
Running
Tri-state (note 1)
PLL
ON
1
0
Running
Running
CLKIN (note 2)
OFF
1
1
Running
Running
PLL
ON
Pin
Number
Pin
Name
Pin Type
Pin Description
1
CLKIN
Input
Clock input (5 V tolerant).
2 - 3
CLKA1:A4
Output
Clock outputs A1:A4. See table above.
4
VDD
Power
Power supply. Connect to 3.3 V.
5
GND
Power
Connect to ground.
6 - 7
CLKB1:B4
Output
Clock outputs B1:B4. See table above.
8
S2
Input
Select input 2. See table above. Internal pull-up.
9
S1
Input
Select input 1. See table above. Internal pull-up.
10 - 11
CLKB1:B4
Output
Clock outputs B1:B4. See table above.
12
GND
Power
Connect to ground.
13
VDD
Power
Power supply. Connect to 3.3 V.
14 - 15
CLKA1:A4
Output
Clock outputs A1:A4. See table above.
16
CLKOUT
Input
Buffered output. Internall feedback on this pin.


Similar Part No. - ICS2309MI-1H

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS2304NZG-1 ICST-ICS2304NZG-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
ICS2304NZG-1LF ICST-ICS2304NZG-1LF Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
More results

Similar Description - ICS2309MI-1H

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
   3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Integrated Circuit Syst...
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
   3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Integrated Circuit Syst...
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
   3.3 Volt Zero Delay, Low Skew Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com