Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS2309M-1T Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS2309M-1T
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2309M-1T Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS2309M-1T Datasheet HTML 1Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 2Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 3Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 4Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 5Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 6Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 7Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 8Page - Integrated Circuit Systems ICS2309M-1T Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MDS 2309 D
5
Revision 052405
In te gr ated Circuit Systems
5 25 Race Stree t, San Jose, CA 951 26 te l (40 8) 2 97-12 01 www.icst.com
ICS2309
ICS2309M-1H, VDD=3.3 V ±10%, Ambient temperature -40 to +85
°C(Industrial), (0-70°C Commercial),
Note 3: With VDD at a steady rate and valid input at CLKIN
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Output Clock Frequency
fIN
10 pF load, See table on page 2
10
133
MHz
Output Clock Frequency
30 pF load, See table on page 2
10
100
MHz
Output Rise Time
tOR
0.8 to 2.0 V, outputs loaded
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, outputs loaded
1.5
ns
Output Clock Duty Cycle
tDC
measured at 1.4V, Fout=66.67
MHz
40
50
60
%
Output Clock Duty Cycle
tDC
measured at 1.4V, Fout=50
MHz
45
50
55
%
Device to Device Skew
rising edges at VDD/2
700
ps
Output to Output Skew
rising edges at VDD/2
250
ps
Input to Output Skew
rising edges at VDD/2
±350
ps
Input to Output Skew
rising edges at VDD/2, S2= 1,
S1 = 0
15
8.7
ns
Cycle to Cycle Jitter
measured at 66.67M, outputs
loaded
200
ps
PLL Lock Time
Note 3
1.0
ms


Similar Part No. - ICS2309M-1T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS2304NZG-1 ICST-ICS2304NZG-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
ICS2304NZG-1LF ICST-ICS2304NZG-1LF Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
More results

Similar Description - ICS2309M-1T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
   3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Integrated Circuit Syst...
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305 Datasheet
206Kb / 9P
   3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Integrated Circuit Syst...
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
   3.3 Volt Zero Delay, Low Skew Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com