Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRF302A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HRF302A
Description  Silicon Schottky Barrier Diode for Rectifying
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HRF302A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HRF302A Datasheet HTML 1Page - Hitachi Semiconductor HRF302A Datasheet HTML 2Page - Hitachi Semiconductor HRF302A Datasheet HTML 3Page - Hitachi Semiconductor HRF302A Datasheet HTML 4Page - Hitachi Semiconductor HRF302A Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HRF302A
3
Main Characteristic
10
10
-1
10
-3
10
-2
10
2
1.0
0
0.2
0.4
0.6
0.1
0.5
0.3
Ta=75°C
Ta=25°C
0
5
10
10
-3
10
-2
-4
25
20
10
-5
10
-6
15
10
Ta=75°C
Ta=25°C
10
10
1.0
40
10
3
10
2
Forward voltage V
(V)
F
Pulse test
Reverse voltage V
(V)
Pulse test
Reverse voltage V (V)
R
f=1MHz
Pulse test
Fig.3 Capacitance Vs. Reverse voltage
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
R


Similar Part No. - HRF302A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Fairchild Semiconductor
HRF3205 FAIRCHILD-HRF3205 Datasheet
191Kb / 9P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
logo
Intersil Corporation
HRF3205 INTERSIL-HRF3205 Datasheet
82Kb / 8P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
logo
Inchange Semiconductor ...
HRF3205 ISC-HRF3205 Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
HRF3205S FAIRCHILD-HRF3205S Datasheet
191Kb / 9P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
More results

Similar Description - HRF302A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com