Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JBPT0001Z Datasheet(PDF) 2 Page - Littelfuse

Part # JBPT0001Z
Description  HIGH CURRENT SINGLE STUD FEED-THRU
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JBPT0001Z Datasheet(HTML) 2 Page - Littelfuse

  JBPT0001Z Datasheet HTML 1Page - Littelfuse JBPT0001Z Datasheet HTML 2Page - Littelfuse JBPT0001Z Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
© 2012 Littelfuse • Transportation Products Catalog
www.littelfuse.com
SINGLE STUD JUNCTION BLOCKS (FEED-THRU & NON-FEED-THRU)
Description
Junction Blocks are used as electrical connection points for the
distribution of power or ground. These blocks can simplify cabling
& architectures, and serve as convenient power tap points. Feed-
thru versions enable firewall-mount applications and help reduce
wiring costs and overall space required for cable routing.
Junction blocks are available in various thread sizes and lengths.
Lock washers and nuts are included with each block.
Specifications
Materials:
Hardware:
Thread Sizes:
Operating Temperature Range:
Body: UL 94V-0 Thermoplastic
Stud: Stainless steel
Conductive Core: Plated copper
Lockwashers and nuts available;
Various available options
-40˚C - 125˚C
Power Distribution Centers


Similar Part No. - JBPT0001Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JBPT0001Z LITTELFUSE-JBPT0001Z Datasheet
199Kb / 1P
   3/8 ??Pass Thru Stud Block
More results

Similar Description - JBPT0001Z

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-056 GLENAIR-947-056 Datasheet
259Kb / 1P
   Bulkhead Feed-Thru
logo
Marathon Special Produc...
599GP2004XX MARATHON-599GP2004XX Datasheet
52Kb / 1P
   FEED-THRU SOLDER TURRET
August 2021
logo
Glenair, Inc.
GC487M09-35A GLENAIR-GC487M09-35A Datasheet
416Kb / 1P
   Shorting Bulkhead Feed-Thru
logo
Pomona Electronics
4119 POMONA-4119 Datasheet
23Kb / 1P
   BNC Feed-Thru Termination
logo
Marathon Special Produc...
599GP2020XX MARATHON-599GP2020XX Datasheet
53Kb / 1P
   FEED-THRU PC BOARD
JUNE 2020
logo
CAMBION Electronic Comp...
160-2141 CAMBION-160-2141 Datasheet
29Kb / 1P
   Solder terminal, turreted, feed thru, thru hole
160-2000 CAMBION-160-2000 Datasheet
29Kb / 1P
   Solder terminal, turreted, feed thru
570-2012 CAMBION-570-2012 Datasheet
43Kb / 1P
   Insulated solder terminal, Feed thru
571-4161 CAMBION-571-4161 Datasheet
29Kb / 1P
   Insulated solder terminal, Feed thru
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com