Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

00555800 Datasheet(PDF) 1 Page - Littelfuse

Part No. 00555800
Description  ABS Coils 24V/12V HYTREL and Polyurethane ISO 7638-1 and ISO 7638-2
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

00555800 Datasheet(HTML) 1 Page - Littelfuse

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
littelfuse.com
1 of 1
Commercial Vehicle Product Datasheet
00556170 & 00559470 SPIRAL TRAILER CONNECTORS
ABS Coils • 24V/12V • HYTREL® and Polyurethane • ISO 7638-1 and ISO 7638-2
Specifications Overview
Voltage:
24V/12V
Standards:
ISO 7638-1
ISO 7638-2
ISO 4141
Web Resources
Download technical resources at:
littelfuse.com/spiraltrailerconnectors
Description
24V or 12V electrical coils with ABS are used to connect a
trucks tractors and a semitrailers in the commercial vehicles
sector, conforming to ISO 7638-1 and ISO 7638-2. They are
authorized for electrical connections on vehicles transporting
hazardous goods, based on the technical specifications given
by ADR/GGVS norms.
The cables are conform to ISO 4141, and with external sheath
made of HYTREL® (TEEE) or POLYURETHANE(TPU).
The coils of HYTREL® (TEEE) are available in two versions,
with 80mm (large version) and 40mm (medium version)
turn diameter.
The coils of POLYURETHANE (TPU) are available only with 30
mm turn diameter (small version).
Features and Benefits
• Standards: Conforms to ISO 7638-1 and ISO 4141
recommendations and standards.
• External sheath of HYTREL® (TEEE) has high resistance
against mechanical abrasion and chemical agents and is
mostly used by OE manufacturer.
• Polyurethane version has 3,5 m and 4,5 maximum
extensible length.
• External Polyurethane sheat provides high flexibility
together with good mechanical charateristics even at very
low temperature.
• All coils are available with a bending protection grommet.
Ordering Information
PART
NUMBER
CABLE
MATERIAL
CABLE
Ø
TURN
Ø
CABLE
CORES
MAX.
LENGTH
ISO
00556170 HYTREL® 13,5 mm 80 mm
2x4+3x1,5
mm2
3,5 m
7638-1
24V
00556070 HYTREL® 13,5 mm 80 mm
2x4+3x1,5
mm2
4,5 m
7638-1
24V
00555900 HYTREL® 13,5 mm 80 mm
2x6+3x1,5
mm2
3,5 m
without
plugs
00555800 HYTREL® 13,5 mm 80 mm
2x6+3x1,5
mm2
4,5 m
without
plugs
00559470 HYTREL®
12 mm 40 mm
2x4+3x1,5
mm2
4 m
7638-1
24V
00556770 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
3,5 m
7638-1
24V
00556670 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
4,5 m
7638-1
24V
00556900 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
3,5 m
7638-2
12V
00556800 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
4,5 m
7638-2
12V
00556500 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
3,5 m
without
plugs
00556400 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
4,5 m
without
plugs
00556170
00556070
00559470
00556800
00556900
00555800
00555900
00556670
00556770
00556400
00556500


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn