Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00555900 Datasheet(PDF) 1 Page - Littelfuse

Part # 00555900
Description  ABS Coils ??24V/12V ??HYTREL and Polyurethane ??ISO 7638-1 and ISO 7638-2
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

00555900 Datasheet(HTML) 1 Page - Littelfuse

  00555900 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
littelfuse.com
1 of 1
Commercial Vehicle Product Datasheet
00556170 & 00559470 SPIRAL TRAILER CONNECTORS
ABS Coils • 24V/12V • HYTREL® and Polyurethane • ISO 7638-1 and ISO 7638-2
Specifications Overview
Voltage:
24V/12V
Standards:
ISO 7638-1
ISO 7638-2
ISO 4141
Web Resources
Download technical resources at:
littelfuse.com/spiraltrailerconnectors
Description
24V or 12V electrical coils with ABS are used to connect a
trucks tractors and a semitrailers in the commercial vehicles
sector, conforming to ISO 7638-1 and ISO 7638-2. They are
authorized for electrical connections on vehicles transporting
hazardous goods, based on the technical specifications given
by ADR/GGVS norms.
The cables are conform to ISO 4141, and with external sheath
made of HYTREL® (TEEE) or POLYURETHANE(TPU).
The coils of HYTREL® (TEEE) are available in two versions,
with 80mm (large version) and 40mm (medium version)
turn diameter.
The coils of POLYURETHANE (TPU) are available only with 30
mm turn diameter (small version).
Features and Benefits
• Standards: Conforms to ISO 7638-1 and ISO 4141
recommendations and standards.
• External sheath of HYTREL® (TEEE) has high resistance
against mechanical abrasion and chemical agents and is
mostly used by OE manufacturer.
• Polyurethane version has 3,5 m and 4,5 maximum
extensible length.
• External Polyurethane sheat provides high flexibility
together with good mechanical charateristics even at very
low temperature.
• All coils are available with a bending protection grommet.
Ordering Information
PART
NUMBER
CABLE
MATERIAL
CABLE
Ø
TURN
Ø
CABLE
CORES
MAX.
LENGTH
ISO
00556170 HYTREL® 13,5 mm 80 mm
2x4+3x1,5
mm2
3,5 m
7638-1
24V
00556070 HYTREL® 13,5 mm 80 mm
2x4+3x1,5
mm2
4,5 m
7638-1
24V
00555900 HYTREL® 13,5 mm 80 mm
2x6+3x1,5
mm2
3,5 m
without
plugs
00555800 HYTREL® 13,5 mm 80 mm
2x6+3x1,5
mm2
4,5 m
without
plugs
00559470 HYTREL®
12 mm 40 mm
2x4+3x1,5
mm2
4 m
7638-1
24V
00556770 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
3,5 m
7638-1
24V
00556670 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
4,5 m
7638-1
24V
00556900 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
3,5 m
7638-2
12V
00556800 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
4,5 m
7638-2
12V
00556500 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
3,5 m
without
plugs
00556400 Polyurethane 13,5 mm 30 mm
2x4+3x1,5
mm2
4,5 m
without
plugs
00556170
00556070
00559470
00556800
00556900
00555800
00555900
00556670
00556770
00556400
00556500


Similar Part No. - 00555900

ManufacturerPart #DatasheetDescription
logo
Littelfuse
00555000 LITTELFUSE-00555000 Datasheet
128Kb / 1P
   13-Pole to 7-Pole Adapters ??12V ??ISO 1724 ??ISO 11446
00555100 LITTELFUSE-00555100 Datasheet
128Kb / 1P
   13-Pole to 7-Pole Adapters ??12V ??ISO 1724 ??ISO 11446
00555200 LITTELFUSE-00555200 Datasheet
128Kb / 1P
   13-Pole to 7-Pole Adapters ??12V ??ISO 1724 ??ISO 11446
More results

Similar Description - 00555900

ManufacturerPart #DatasheetDescription
logo
Littelfuse
00557900 LITTELFUSE-00557900 Datasheet
127Kb / 1P
   EBS Coils ??24V ??HYTREL and Polyurethane ??ISO 7638-1
00560900 LITTELFUSE-00560900 Datasheet
141Kb / 1P
   Converter 12V trailer from a 24V vehicle ??ISO 1185 ??ISO 3731 ??ISO 11446 ??ISO 1724
00585700 LITTELFUSE-00585700 Datasheet
194Kb / 2P
   The EBS system conforming to ISO/DIN 7638 is compulsory on all vehicles weighing over 3,5 tons
00420300 LITTELFUSE-00420300 Datasheet
192Kb / 2P
   The EBS system conforming to ISO/DIN 7638 is compulsory on all vehicles weighing over 3,5 tons
00600300 LITTELFUSE-00600300 Datasheet
119Kb / 1P
   7-Pole Aluminium Body Sockets ??24V ??ISO 1185 ??ISO 3731
00560000 LITTELFUSE-00560000 Datasheet
128Kb / 1P
   13-Pole to 7-Pole Adapters ??12V ??ISO 1724 ??ISO 11446
logo
ORION FANS
OD9238VA ORIONFANS-OD9238VA Datasheet
153Kb / 1P
   DC Fan - 12V, 24V and 48V
logo
Littelfuse
00681400 LITTELFUSE-00681400 Datasheet
149Kb / 1P
   2-Pole Aluminum/Plastic Sockets and Plugs ??ISO 4165
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
logo
Littelfuse
00584500 LITTELFUSE-00584500 Datasheet
200Kb / 2P
   15-Pole Plastic Body Sockets ??24V ??ISO 12098
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com