Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

00200400 Datasheet(PDF) 1 Page - Littelfuse

Part No. 00200400
Description  ADR Cables • Polyurethane sheath material
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

00200400 Datasheet(HTML) 1 Page - Littelfuse

  00200400 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2017 Littelfuse Commercial Vehicle Products
Rev: 090117
littelfuse.com
Commercial Vehicle Product Datasheet
1 of 1
00200400 & 00201000 CONNECTORS
ADR Cables • Polyurethane sheath material
Specifications Overview
Voltage:
12V/24V
Standards:
ISO 4041
ISO 6722
Web Resources
Download technical resources at:
littelfuse.com/connectors
Description
ADR cable resists UV-ray and low temperatures, as well as
being resistant to oil, weathering and chemicals thanks to the
PUR sheathing. In addition they provide for higher resistance
against wear, abrasion, microbiotic attack and hydrolysis. The
cables have been produced in accordance with the latest
international standards ISO 4141 and ISO 6722.
Features and Benefits
• Standards: Conforms to ISO 4141 & ISO 6722
recommendations and standards.
• Wire insulation and inner sheath: PVC
• Sheath: PUR
• Min/Max temperatures: -40°C / +85°C.
Ordering Information
PART
NUMBER MATERIAL
NUMBER
AND SECTION
OF WIRES
EXTERNAL
DIAMETER ROLL APPLICATION
00200400 Polyurethane
2x1 mm2
6,5 mm
50 m SIDE-MARKER
00200500 Polyurethane
2x1 mm2
6,5 mm
500 m SIDE-MARKER
00200600 Polyurethane
5x1 mm2
8,5 mm
50 m
-
00201000 Polyurethane
9x1 mm2
+ 1x2 mm2
11,1 mm
50 m
-
00200400
00200600
00201000
00200500
00201100


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn