Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC1115 Datasheet(PDF) 74 Page - Texas Instruments

Part # GC1115
Description  Crest Factor Reduction Processor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1115 Datasheet(HTML) 74 Page - Texas Instruments

Back Button GC1115 Datasheet HTML 70Page - Texas Instruments GC1115 Datasheet HTML 71Page - Texas Instruments GC1115 Datasheet HTML 72Page - Texas Instruments GC1115 Datasheet HTML 73Page - Texas Instruments GC1115 Datasheet HTML 74Page - Texas Instruments GC1115 Datasheet HTML 75Page - Texas Instruments GC1115 Datasheet HTML 76Page - Texas Instruments GC1115 Datasheet HTML 77Page - Texas Instruments GC1115 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
www.ti.com
APPENDIX – GLOSSARY OF TERMS
GC1115
SLWS144 – FEBRUARY 2005
3G
Third generation (refers to next-generation wideband cellular systems that use CDMA)
3GPP
3GPP2 Third generation partnership project 2 (cdma2000 specification, www.3gpp2.org)
ACLR
Adjacent channel leakage ratio (measure of out-of-band energy from one CDMA carrier)
ACPR
Adjacent channel power ratio
ADC
Analog-to-digital converter
AWGN
Additive white Gaussian noise
BER
Bit error rate
BW
Bandwidth
CCDF
Complementary cumulative distribution function
CDF
Cumulative distribution function
CDMA
Code division multiple access (spread spectrum)
cdma2000
Qualcomm’s next generation CDMA standard (see www.3gpp2.org)
CDP
Code domain power
CEVM
Composite error vector magnitude
CFR
Crest factor reduction
CMOS
Complementary metal oxide semiconductor
DAC
Digital-to-analog converter
dB
decibels
dBm
decibels relative to 1 mW (30 dBm = 1 W)
DSP
Digital signal processing or digital signal processor
DSSS
Direct sequence spread spectrum
DUC
Digital up-converter (usually provides the GC1115 input)
EVM
Error vector magnitude
FIR
Finite impulse response (type of digital filter)
I & Q
In-phase and quadrature (signal representation)
IF
Intermediate frequency
IIR
Infinite impulse response (type of digital filter)
JTAG
Joint Test Action Group (chip debug and test standard 1149.1)
LO
Local oscillator
LSB
Least significant bit
MSB
Most significant bit
Msps
Megasamples per second (1x10E6 samples/sec)
NPR
Noise power ratio
PA
Power amplifier
PAR
Peak-to-average ratio
PCDE
Peak code domain error
PDC
Peak detection and cancellation (stage)
74


Similar Part No. - GC1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
GC1115IZDJ TI-GC1115IZDJ Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
More results

Similar Description - GC1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
logo
National Semiconductor ...
AN-1434 NSC-AN-1434 Datasheet
526Kb / 6P
   Crest Factor Invariant RF Power Detector
logo
Analog Devices
AD6633 AD-AD6633 Datasheet
89Kb / 2P
   Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
AD6633 AD-AD6633_15 Datasheet
95Kb / 2P
   Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
ADL5502 AD-ADL5502_1 Datasheet
1Mb / 28P
   450 MHz to 6000 MHz Crest Factor Detector
REV. A
logo
Sony Corporation
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
logo
New Japan Radio
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
   DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com