Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC1115 Datasheet(PDF) 54 Page - Texas Instruments

Part # GC1115
Description  Crest Factor Reduction Processor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1115 Datasheet(HTML) 54 Page - Texas Instruments

Back Button GC1115 Datasheet HTML 50Page - Texas Instruments GC1115 Datasheet HTML 51Page - Texas Instruments GC1115 Datasheet HTML 52Page - Texas Instruments GC1115 Datasheet HTML 53Page - Texas Instruments GC1115 Datasheet HTML 54Page - Texas Instruments GC1115 Datasheet HTML 55Page - Texas Instruments GC1115 Datasheet HTML 56Page - Texas Instruments GC1115 Datasheet HTML 57Page - Texas Instruments GC1115 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
www.ti.com
Snapshot RAM Registers (Addresses 96 – 119)
GC1115
SLWS144 – FEBRUARY 2005
SNAP_A_CONTROL
0x60 (96)
Type: Read/Write
Value at RESET: 0x0000
The SNAP_A_CONTROL register controls the operation of Snapshot RAM A, including the selection of its data
source and the type of data being captured. When using Snapshot RAM A in histogram mode, the RAM must
first be cleared by writing a 0x0002 to SNAP_A_CONTROL. If the GC1115 is operating in two-channel mode,
Snapshot RAM A can monitor the samples of either Channel 0 or Channel 1. Snapshot RAM A will not begin a
capture or histogram until the SNAP_A_SYNC event occurs. SNAP_A_SYNC cannot be triggered by a periodic
TIMER event.
BITS
DESCRIPTION
[1:0]
Snapshot RAM A command:
00 – DISABLE (ignore all other bits in word)
01 – ENABLE (observe all other bits)
1x – CLEAR_RAM (ignore all other bits)
2
Two-channel data source:
0 = Channel 0
1 = Channel 1
[5:3]
Snapshot RAM A data source:
001: input
010: after Stage 1
011: after Stage 2
100: after Stage 3
101: after Stage 4
[7:6]
Snapshot RAM A operating mode:
00 = capture 1k samples
01 = histogram I samples
10 = histogram Q samples
11 = histo. mag2(I + jQ)
[15:8 Reserved
]
SNAP_A_STATUS
0x61 (97)
Type: Read only
Value at RESET: 0x0000
The SNAP_A_STATUS register can be read to determine the current status (state) of Snapshot RAM A. After
sending a 0x2 command (clear RAM) to SNAP_A_CONTROL, SNAP_A_STATUS can be polled to determine
when the RAM has been cleared. After a Snapshot RAM A capture completes, the microprocessor or DSP can
receive an interrupt by enabling bit 0 of INT_MASK. During histogram operation, if one or more Snapshot RAM A
histogram bins overflows its 32-bit count, bit 2 of INT_MAP will be set. If bit 2 of INT_MASK is set, a Snapshot
RAM A bin overflow will also generate an interrupt. Snapshot RAM A will not begin a capture or histogram until
the SNAP_A_SYNC event occurs. SNAP_A_SYNC cannot be triggered by a periodic TIMER event.
BITS
DESCRIPTION
[2:0]
Snapshot RAM A
000 – OFF
001 – enabled (waiting)
status:
010 – active (capturing)
011 – capture complete
100 – resetting (clearing all snapshot RAM bins)
[15:3]
Reserved
54


Similar Part No. - GC1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
GC1115IZDJ TI-GC1115IZDJ Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
More results

Similar Description - GC1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
logo
National Semiconductor ...
AN-1434 NSC-AN-1434 Datasheet
526Kb / 6P
   Crest Factor Invariant RF Power Detector
logo
Analog Devices
AD6633 AD-AD6633 Datasheet
89Kb / 2P
   Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
AD6633 AD-AD6633_15 Datasheet
95Kb / 2P
   Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
ADL5502 AD-ADL5502_1 Datasheet
1Mb / 28P
   450 MHz to 6000 MHz Crest Factor Detector
REV. A
logo
Sony Corporation
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
logo
New Japan Radio
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
   DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com