Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STV7710 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7710
Description  Vacuum Fluorescent Display (VFD) Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7710 Datasheet HTML 6Page - STMicroelectronics STV7710 Datasheet HTML 7Page - STMicroelectronics STV7710 Datasheet HTML 8Page - STMicroelectronics STV7710 Datasheet HTML 9Page - STMicroelectronics STV7710 Datasheet HTML 10Page - STMicroelectronics STV7710 Datasheet HTML 11Page - STMicroelectronics STV7710 Datasheet HTML 12Page - STMicroelectronics STV7710 Datasheet HTML 13Page - STMicroelectronics STV7710 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CIRCUIT DESCRIPTION
STV7710/WAF
10/19
4.3
Description
STV7710/WAF includes all the logic and power circuits necessary to drive electrodes of a vacuum
fluorescent display (VFD). Binary values of each pixel of the displayed line are loaded into the shift
register DATA_A/B data bus. Data is shifted at each low to high transition of the CLK clock. After 96
shifts, the data is available at the output of the shift register. This output can be used to cascade
several Ics to drive higher resolution displays.
The forward /reverse (F/R) input is used to select the direction of the shift register. Data input/output
status is set according to the selected direction (refer to Table 6).
The maximum frequency of the shift clock is 40MHz.
When the STB signal is high, data are transferred from the shift register to the latch and power
output stages.
All the output data are kept memorized and held in the latch stage when the latch input STB is set
at low level.
Vsssub and Vsslog must be connected as close as possible to the logical reference ground of the
application. Also, make sure that TEST input pin is connected to ground (Figure 8).
STV7710/WAF is supplied with a 5 volt power supply. All the logic inputs can be driven either by 5V
CMOS logic, or by 3.3V CMOS logic.
Table 7: Shift register truth table
Input
Data-in / Data-out
Shift register function
F/R
CLK
DATA_A
DATA_B
H
Data-in
Data-out
Forward shift
H
H or L
-
-
Steady
L
Data-out
Data-in
Reverse shift
L
H or L
-
-
Steady
Table 8: Power output truth table
TEST
Qn
STB
BLK
POC
Driver Output
Comments
L
X
X
H
X
all “Low”
Output at low level
L
X
X
L
L
all “High”
Output at high level
L
X
L
L
H
Qn
Data latched
L
L
H
L
H
L
Data transfered
L
H
H
L
H
H
Data transfered


Similar Part No. - STV7710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
197Kb / 21P
   Vaccum fluorescent display (VFD) driver
STV7710BMP STMICROELECTRONICS-STV7710BMP Datasheet
197Kb / 21P
   Vaccum fluorescent display (VFD) driver
STV7710WAF STMICROELECTRONICS-STV7710WAF Datasheet
197Kb / 21P
   Vaccum fluorescent display (VFD) driver
STV7710WP STMICROELECTRONICS-STV7710WP Datasheet
197Kb / 21P
   Vaccum fluorescent display (VFD) driver
STV7710 STMICROELECTRONICS-STV7710_07 Datasheet
197Kb / 21P
   Vaccum fluorescent display (VFD) driver
More results

Similar Description - STV7710

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
National Semiconductor ...
DS8881 NSC-DS8881 Datasheet
124Kb / 6P
   Vacuum Fluorescent Display Driver
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710_07 Datasheet
197Kb / 21P
   Vaccum fluorescent display (VFD) driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com