Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7102 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7102
Description  Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7102 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7102 Datasheet HTML 1Page - NTE Electronics NTE7102 Datasheet HTML 2Page - NTE Electronics NTE7102 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7102
Integrated Circuit
Dual Audio Power Amplifier,
5.5W/Ch (20W BTL)
Description:
The NTE7102 is a class B dual audio power amplifier in a 14–Lead DIP type package designed for
use in a music center and a radio cassette player.
Features:
D High Output Power: 20W Typ @ VCC = 18V, RL = 8Ω (BTL)
5.5W/Ch Typ @ VCC = 18V, RL = 8Ω
7W/Ch Typ @ VCC = 15V, RL = 4Ω
5.7W/Ch Typ @ VCC = 12V, RL = 3Ω
4.6W/Ch Typ @ VCC = 12V, RL = 4Ω
D Wide Operating Voltage Range: VCC = 6 to 20V
D Low Quiescent Current: ICC = 23mA Typ @ VCC = 15V
D Low Noise: NL = 0.25mVrms Typ
D High Supply Voltage Rejection: SVR = 55dB Typ
D No Shock Noise at Power Supply Switch ON and OFF
D Soft Clipping Wave Form
D Built–In Thermal Shutdown Circuit
D Low Thermal Resistance: RΘJC = 3°C/W
D Few External Components
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage,
No Signal, VCC1
28V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating, VCC2
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Powewr Dissipation (100 x 100 x 2mm Al Heat Sink), PD
14W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
6.0
12.15
20.0
V
Load Impedance (Dual)
RL
3
4
8
Load Impedance (BTL)
RL
8
Voltage Gain
A
ν
38
48
dB


Similar Part No. - NTE7102

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
   Integrated Circuit Protector IC for Stereo Power Amplifier
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
   Integrated Circuit 50W to 80W Power Amplifier, Driver
NTE7104 NTE-NTE7104 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
   Integrated Circuit Dual 10W 10W Stereo Amplifier
More results

Similar Description - NTE7102

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1369 NTE-NTE1369 Datasheet
79Kb / 1P
   Integrated Circuit Audio Power Amplifier, 5.5W
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
   Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE1724 NTE-NTE1724 Datasheet
33Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7040 NTE-NTE7040 Datasheet
28Kb / 3P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7059 NTE-NTE7059 Datasheet
74Kb / 3P
   Integrated Circuit Dual BTL 14W Audio Power Amplifier
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1383 NTE-NTE1383 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com