Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C185-01B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C185-01B
Description  Precision 1-5 Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C185-01B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C185-01B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C185-01B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C185-01B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C185-01B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C185-01B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C185-01B Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
PS8466
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C185-01B
Precision 1-5 Clock Buffer
1.5V
1.5V
tphl
tplh
1.5V
1.5V
Input
Waveform
Output
Waveform
Output
Buffer
Test
Point
2.4
1.5
0.4
tSDKH
tSDKP
3.3V
Clocking
Interface
(TTL)
tSDKL
tSDFALL
tSDRISE
Test Load
Figure 1. Clock Waveforms
Notes:
1. Maximum rise/fall times are guaranteed at maximum specified load.
2. Minimum rise/fall times are guaranteed at minimum specified load.
3. Rise/fall times are specified with pure capacitive load as shown.
Testing is done with an additional 500
Ω resistor in parallel.
Minimum and Maximum Expected Capacitive Loads
Design Guidelines to Reduce EMI
1. Place R
S series resistors and CI capacitors as close as possible to the respective clock pins. Typical
value for CI is 10pF. R
S Series resistor value can be increased to reduce EMI provided that the rise
and fall time are still within the specified values.
2. Minimize the number of “vias” of the clock traces.
3. Route clock traces over a continuous ground plane or over a continuous power plane. Avoid routing
clock traces from plane to plane (refer to rule #2).
4. Position clock signals away from signals that go to any cables or any external connectors.
k
c
o
l
Cd
a
o
L
n
i
Md
a
o
L
x
a
Ms
ti
n
Us
e
t
o
N
M
A
R
D
S5
10
2F
pn
o
it
a
ci
fi
c
e
p
S
M
M
I
D
M
A
R
D
S


Similar Part No. - PI6C185-01B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01L PERICOM-PI6C185-01L Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01LE PERICOM-PI6C185-01LE Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01Q PERICOM-PI6C185-01Q Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01QE PERICOM-PI6C185-01QE Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
More results

Similar Description - PI6C185-01B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
ON Semiconductor
PCS2P2305NZ ONSEMI-PCS2P2305NZ Datasheet
283Kb / 8P
   3.3V 1:5 Clock Buffer
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com